Part Name
         Description
2SK2478

 SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE ( 8 Page)


NEC
100% 
Zoom Out Zoom In
   
 2 page
background image
2SK2478
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
TEST CONDITIONS
Drain to Source On-Resistance
RDS (on)
5.0
7.5
VGS = 10 V, ID = 1.0 A
Gate to Source Cutoff Voltage
VGS (off)
2.5
3.5
VDS = 10 V, ID = 1 mA
Forward Transfer Admittance
| yfs |
0.6
VDS = 20 V, ID = 1.0 A
Drain Leakage Current
IDSS
100
VDS = VDSS, VGS = 0
Gate to Source Leakage Current
IGSS
±100
VGS =
±30 V, VDS = 0
Input Capacitance
Ciss
485
VDS = 10 V
Output Capacitance
Coss
75
VGS = 0
Reverse Transfer Capacitance
Crss
10
f = 1 MHz
Turn-On Delay Time
td (on)
11
ID = 1.0 A
Rise Time
tr
3
VGS = 10 V
Turn-Off Delay Time
td (off)
35
VDD = 150 V
Fall Time
tf
8
RG = 150
Total Gate Charge
QG
17
ID = 2.0 A
Gate to Source Charge
QGS
3
VDD = 450 V
Gate to Drain Charge
QGD
8
VGS = 10 V
Body Diode Forward Voltage
VF (S-D)
1.0
IF = 2.0 A, VGS = 0
Reverse Recovery Time
trr
580
IF = 2.0 A, VGS = 0
Reverse Recovery Charge
Qrr
2.3
di/dt = 50 A/
µs
UNIT
V
S
µA
nA
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
V
ns
µC
The application circuits and their parameters are for references only and are not intended for use in actual design-in's.
Test Circuit 3 Gate Charge
VGS = 20 - 0 V
PG
RG = 25
50
D.U.T.
L
VDD
Test Circuit 1 Avalanche Capability
PG.
RG = 10
D.U.T.
RL
VDD
Test Circuit 2 Switching Time
RG
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
t = 1us
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
ID
10 %
10 %
0
0
90 %
90 %
90 %
10 %
VGS (on)
ID
ton
toff
td (on)
tr
td (off)
tf
t
1  2  3  4  5  6  7  8 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK1123SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK1491SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2361SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2479SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2724SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK3204SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 NEC
2SK3358SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 NEC
UPA1703SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
UPA1726SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK1492SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl