Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V56ZA8P Datasheet(PDF) 4 Page - Littelfuse

Part # V56ZA8P
Description  ZA Varistor Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V56ZA8P Datasheet(HTML) 4 Page - Littelfuse

  V56ZA8P Datasheet HTML 1Page - Littelfuse V56ZA8P Datasheet HTML 2Page - Littelfuse V56ZA8P Datasheet HTML 3Page - Littelfuse V56ZA8P Datasheet HTML 4Page - Littelfuse V56ZA8P Datasheet HTML 5Page - Littelfuse V56ZA8P Datasheet HTML 6Page - Littelfuse V56ZA8P Datasheet HTML 7Page - Littelfuse V56ZA8P Datasheet HTML 8Page - Littelfuse V56ZA8P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/11/14
Varistor Products
Radial Lead Varistors > ZA Series
Should transients occur in rapid succession, the average
power dissipation is the energy (watt-seconds) per pulse
times the number of pulses per second. The power so
developed must be within the specifications shown on the
Device Ratings and Specifications Table for the specific
Current Energy and Power Dissipation Ratings
Peak Pulse Current Test Waveform
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
100
90
50
10
O1
T
T1
T2
TIME
O1 = Virtual Origin of Wave
T = Time From 10% to 90% of Peak
T1 = Virtual Front time = 1.25 • t
T2 = Virtual Time to Half Value (Impulse Duration)
Example: For an 8/20µs Current Waveform:
8s = T1 = Virtual Front Time
20 s = T2 = Virtual Time to Half Value
0
1 = Virtual Origin of Wave
T = Time from 10% to 90% of Peak
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20
µs Current Waveform:
8µs = T
1 = Rise Time
20µs = T
2 = Decay Time
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100110
120130 140150
AMBIENTTEMPERATURE ( oC)
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
Figure 1A - Power Derating for Epoxy Coated
Figure 2
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100110 120130 140150
AMBIENTTEMPERATURE ( oC)
device. The operating values of a MOV need to be derated
at high temperatures as shown above. Because varistors
only dissipate a relatively small amount of average power
they are not suitable for repetitive applications that involve
substantial amounts of average power dissipation.
Figure 1B - Power Derating for Phenolic Coated
• Phenolic coated ZA Series devices are available with
improved maximum operating temperature of 125°C
• These devices also have improved temperature
cycling performance capability
• Ratings and specifications are as per standard
ZA Series except Hi–Pot Encapsulation
(Isolation Voltage Capability) = 500V
• To order: add 'X1347' to part number
(e.g. V22ZA3PX1347)
• These devices are not UL, CSA, VDE or CECC certified
• Contact factory for further details
• Product marking:
LF 9
P22P3
YYWW
Phenolic Coated
Option
Identifier
Lead-Free,
Halogen-Free
& RoHS Compliant
Indicator
Phenolic Coating Option -- ZA Series Varistors for Hi-
Temperature Operating Conditions:
Copper Electrode Option:
• Add 'W' to the end of the part
number (e.g. V240ZA05PW)
• Copper electrode option is only available
for V240~V750 for ZA series.
• Product marking:
LF 9
PZ240W
YYWW
Copper Electrode
Option
Identifier
Lead-Free,
Halogen-Free
& RoHS Compliant
Indicator


Similar Part No. - V56ZA8P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V56ZA8P LITTELFUSE-V56ZA8P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V56ZA8P LITTELFUSE-V56ZA8P Datasheet
825Kb / 13P
   Radial Lead Varistors
V56ZA8P LITTELFUSE-V56ZA8P Datasheet
1Mb / 14P
   ZA Varistor Series
V56ZA8P LITTELFUSE-V56ZA8P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V56ZA8P LITTELFUSE-V56ZA8P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
More results

Similar Description - V56ZA8P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
logo
Superworld Electronics
ZAW100-RE-10 SUPERWORLD-ZAW100-RE-10_17 Datasheet
244Kb / 6P
   Ferrite Chip Bead ??ZA Series
logo
Panasonic Battery Group
EEH-ZA PANASONICBATTERY-EEH-ZA Datasheet
540Kb / 1P
   EEH-ZA & EEH-ZC Series
logo
PHOENIX CONTACT
1203288 PHOENIX-1203288 Datasheet
75Kb / 2P
   CRIMPFOX ZA 5
logo
Littelfuse
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
logo
PHOENIX CONTACT
1201882 PHOENIX-1201882 Datasheet
110Kb / 3P
   CRIMPFOX ZA 3
1203301 PHOENIX-1203301 Datasheet
75Kb / 2P
   CRIMPFOX ZA 6-3
1202289 PHOENIX-1202289 Datasheet
68Kb / 3P
   CRIMPFOX ZA 3 G
1203233 PHOENIX-1203233 Datasheet
99Kb / 3P
   CRIMPFOX ZA 3-1
logo
Littelfuse
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com