Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V56ZA8P Datasheet(PDF) 10 Page - Littelfuse

Part # V56ZA8P
Description  ZA Varistor Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V56ZA8P Datasheet(HTML) 10 Page - Littelfuse

Back Button V56ZA8P Datasheet HTML 6Page - Littelfuse V56ZA8P Datasheet HTML 7Page - Littelfuse V56ZA8P Datasheet HTML 8Page - Littelfuse V56ZA8P Datasheet HTML 9Page - Littelfuse V56ZA8P Datasheet HTML 10Page - Littelfuse V56ZA8P Datasheet HTML 11Page - Littelfuse V56ZA8P Datasheet HTML 12Page - Littelfuse V56ZA8P Datasheet HTML 13Page - Littelfuse V56ZA8P Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/11/14
Varistor Products
Radial Lead Varistors > ZA Series
Operating Ambient
Temperature Range
-55°C to +85°C
Storage Temperature Range
-55°C to +125°C
Humidity Aging
+85°C, 85% RH,1000 hours
+/-10% typical voltage change
Thermal Shock
+85°C to -40°C 5 times
+/-10% typical voltage change
Solvent Resistance
MIL–STD–202, Method 215F
Moisture Sensitivity
Level 1, J–STD–020C
Lead Material
Copper Clad Steel Wire
Soldering
Characteristics
Solderability per MIL–STD–202,
Method 208E
Insulating Material
Cured, flame retardant epoxy polymer
meets UL94V–0 requirements
Device Labeling
Marked with LF, voltage, UL/CSA logos,
and date code
Physical Specifications
Environmental Specifications
Wave Solder Profile
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 240C
Lead–free Profile
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 260C
Non Lead–free Profile
Figure 25
Figure 26


Similar Part No. - V56ZA8P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V56ZA8P LITTELFUSE-V56ZA8P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V56ZA8P LITTELFUSE-V56ZA8P Datasheet
825Kb / 13P
   Radial Lead Varistors
V56ZA8P LITTELFUSE-V56ZA8P Datasheet
1Mb / 14P
   ZA Varistor Series
V56ZA8P LITTELFUSE-V56ZA8P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V56ZA8P LITTELFUSE-V56ZA8P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
More results

Similar Description - V56ZA8P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
logo
Superworld Electronics
ZAW100-RE-10 SUPERWORLD-ZAW100-RE-10_17 Datasheet
244Kb / 6P
   Ferrite Chip Bead ??ZA Series
logo
Panasonic Battery Group
EEH-ZA PANASONICBATTERY-EEH-ZA Datasheet
540Kb / 1P
   EEH-ZA & EEH-ZC Series
logo
PHOENIX CONTACT
1203288 PHOENIX-1203288 Datasheet
75Kb / 2P
   CRIMPFOX ZA 5
logo
Littelfuse
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
logo
PHOENIX CONTACT
1201882 PHOENIX-1201882 Datasheet
110Kb / 3P
   CRIMPFOX ZA 3
1203301 PHOENIX-1203301 Datasheet
75Kb / 2P
   CRIMPFOX ZA 6-3
1202289 PHOENIX-1202289 Datasheet
68Kb / 3P
   CRIMPFOX ZA 3 G
1203233 PHOENIX-1203233 Datasheet
99Kb / 3P
   CRIMPFOX ZA 3-1
logo
Littelfuse
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com