Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V82ZA20P Datasheet(PDF) 3 Page - Littelfuse

Part # V82ZA20P
Description  ZA Varistor Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V82ZA20P Datasheet(HTML) 3 Page - Littelfuse

  V82ZA20P Datasheet HTML 1Page - Littelfuse V82ZA20P Datasheet HTML 2Page - Littelfuse V82ZA20P Datasheet HTML 3Page - Littelfuse V82ZA20P Datasheet HTML 4Page - Littelfuse V82ZA20P Datasheet HTML 5Page - Littelfuse V82ZA20P Datasheet HTML 6Page - Littelfuse V82ZA20P Datasheet HTML 7Page - Littelfuse V82ZA20P Datasheet HTML 8Page - Littelfuse V82ZA20P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/11/14
Varistor Products
Radial Lead Varistors > ZA Series
Part
Number
Branding
Model
Size
Disc Dia.
(mm)
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor Voltage at
1mA
DCTest Current
Maximum
Clamping
Voltage
8 x 20
µs
Typical
Capaci-
tance
f = 1MHz
V
RMS
V
DC
Energy 10
x 1000
µs
Peak
Current
8 x 20
µs
V
M(AC)
V
M(DC)
W
TM
I
TM
V
NOM
Min
V
NOM
Max
V
C
I
PK
C
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(A)
(pF)
V56ZA05P
PZ56
5
35
45
0.5
100
50.4
61.6
110
1
500
V56ZA2P
P56Z2
7
35
45
2.3
250
50.4
61.6
110
2.5
1035
V56ZA3P
P56Z3
10
35
45
5.5
500
50.4
61.6
110
5
2150
V56ZA8P
P56Z8
14
35
45
10
1000
50.4
61.6
110
10
4840
V56ZA20P
P56Z20
20
35
45
30
2000
50.4
61.6
110
20
10000
V68ZA05P
PZ68
5
40
56
0.6
100
61.2
74.8
135
1
400
V68ZA2P
P68Z2
7
40
56
3
250
61.2
74.8
135
2.5
910
V68ZA3P
P68Z3
10
40
56
6.5
500
61.2
74.8
135
5
1850
V68ZA10P
P68Z10
14
40
56
13
1000
61.2
74.8
135
10
3870
V68ZA20P
P68Z20
20
40
56
33
2000
61.2
74.8
135
20
9000
V82ZA05P
PZ82
5
50
68
2
400
73.8
90.2
135
5
355
V82ZA2P
P82Z2
7
50
68
4
1200
73.8
90.2
135
10
700
V82ZA4P
P82Z4
10
50
68
8
2500
73.8
90.2
135
25
1485
V82ZA12P
P82Z12
14
50
68
15
4500
73.8
90.2
145
50
3380
V82ZA20P
P82Z20
20
50
68
25
6500
73.8
90.2
145
100
7000
V100ZA05P
PZ100
5
60
81
2.5
400
90
110
165
5
310
V100ZA3P
P100Z
7
60
81
5
1200
90
110
165
10
600
V100ZA4P
P100Z4
10
60
81
10
2500
90
110
165
25
1200
V100ZA15P
P100Z15
14
60
81
20
4500
90
110
175
50
2900
V100ZA20P
P100Z20
20
60
81
30
6500
90
110
175
100
6500
V120ZA05P
PZ120
5
75
102
3
400
108
132
205
5
250
V120ZA1P
P120Z
7
75
102
6
1200
108
132
205
10
515
V120ZA4P
P120Z4
10
75
102
12
2500
108
132
200
25
1100
V120ZA6P
P120Z6
14
75
102
22
4500
108
132
210
50
2450
V120ZA20P
P120Z20
20
75
102
33
6500
108
132
210
100
5000
V150ZA05P
PZ150
5
92
127
4
400
135
165
250
5
190
V150ZA1P
PZ051
7
95
127
8
1200
135
165
250
10
460
V150ZA4P
P150Z4
10
95
127
15
2500
135
165
250
25
860
V150ZA8P
P150Z8
14
95
127
20
4500
135
165
250
50
1910
V150ZA20P
P150Z20
20
95
127
45
6500
135
165
250
100
3500
V180ZA05P
PZ180
5
110
153
5
400
162
198
295
5
100
V180ZA1P
P180Z
7
115
153
10
1200
162
198
300
10
320
V180ZA5P
P180Z5
10
115
153
18
2500
162
198
300
25
465
V180ZA10P
P180Z10
14
115
153
35
4500
162
198
300
50
1190
V180ZA20P
P180Z20
20
115
153
52
6500
162
198
300
100
2400
V205ZA05P
PZ205
5
130
170
5.5
400
184.5
225.5
340
5
100
V220ZA05P
PZ220
5
140
180
6
400
198
242
360
5
95
V240ZA05P
PZ240
5
150
200
7
400
216
264
395
5
90
V270ZA05P
PZ270
5
175
225
7.5
400
243
297
455
5
75
V330ZA05P
PZ330
5
210
275
9
400
306
374
540
5
70
V360ZA05P
PZ360
5
230
300
9.5
400
324
396
595
5
60
V390ZA05P
PZ390
5
250
330
10
400
351
429
650
5
80
V430ZA05P
PZ430
5
275
369
11
400
387
473
710
5
75
V470ZA05P
PZ470
5
300
385
12
400
423
517
775
5
70
V620ZA05P
PZ620
5
385
505
13
400
558
682
1025
5
45
V680ZA05P
PZ680
5
420
560
14
400
612
748
1120
5
40
V715ZA05P
PZ715
5
440
585
15.5
400
643.5
786.5
1180
5
35
V750ZA05P
PZ750
5
460
615
17
400
675
825
1240
5
30
ZA Series Ratings & Specifications (Continued...)
Note:
1. Average power dissipation of transients not to exceed 0.2W, 0.25W, 0.4W, 0.6W or 1W for
model sizes 5mm, 7mm, 10mm, 14mm and 20mm, respectively.
2. Energy rating for impulse duration of 30ms minimum to one half of peak current (auto
Load Dump).
3. 10mA DC test current.
4. Also rated to withstand 24V for 5 minutes.
5. Higher voltages available, contact Littelfuse.
6. Also rated to withstand 48V for 5 minutes.
7. Energy rating for impulse duration of 30ms minimum to one half of peak current (Auto
Load Dump): 100J
† Also Recognized to UL 1449, Transient Voltage Surge Suppressors File E320116


Similar Part No. - V82ZA20P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V82ZA20P LITTELFUSE-V82ZA20P Datasheet
825Kb / 13P
   Radial Lead Varistors
V82ZA20P LITTELFUSE-V82ZA20P Datasheet
1Mb / 14P
   ZA Varistor Series
V82ZA20P LITTELFUSE-V82ZA20P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V82ZA20P LITTELFUSE-V82ZA20P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS
V82ZA20P LITTELFUSE-V82ZA20P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
More results

Similar Description - V82ZA20P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
logo
Superworld Electronics
ZAW100-RE-10 SUPERWORLD-ZAW100-RE-10_17 Datasheet
244Kb / 6P
   Ferrite Chip Bead ??ZA Series
logo
Panasonic Battery Group
EEH-ZA PANASONICBATTERY-EEH-ZA Datasheet
540Kb / 1P
   EEH-ZA & EEH-ZC Series
logo
PHOENIX CONTACT
1203288 PHOENIX-1203288 Datasheet
75Kb / 2P
   CRIMPFOX ZA 5
logo
Littelfuse
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
logo
PHOENIX CONTACT
1201882 PHOENIX-1201882 Datasheet
110Kb / 3P
   CRIMPFOX ZA 3
1203301 PHOENIX-1203301 Datasheet
75Kb / 2P
   CRIMPFOX ZA 6-3
1202289 PHOENIX-1202289 Datasheet
68Kb / 3P
   CRIMPFOX ZA 3 G
1203233 PHOENIX-1203233 Datasheet
99Kb / 3P
   CRIMPFOX ZA 3-1
logo
Littelfuse
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com