Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH2180 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH2180
Description  75 MHz Dual Clock Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2180 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH2180_14 Datasheet HTML 6Page - Texas Instruments LMH2180_14 Datasheet HTML 7Page - Texas Instruments LMH2180_14 Datasheet HTML 8Page - Texas Instruments LMH2180_14 Datasheet HTML 9Page - Texas Instruments LMH2180_14 Datasheet HTML 10Page - Texas Instruments LMH2180_14 Datasheet HTML 11Page - Texas Instruments LMH2180_14 Datasheet HTML 12Page - Texas Instruments LMH2180_14 Datasheet HTML 13Page - Texas Instruments LMH2180_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
VSUPPLY (V)
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
2.5
3.0
3.5
4.0
4.5
5.0
85°C 25°C
-40°C
FREQUENCY (Hz)
300
250
200
150
100
50
0
10k
100k
1M
10M
100M
2.7V
5V
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
5V
2.7V
VSUPPLY (V)
40
35
30
25
20
15
10
5
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-40°C
25°C
85°C
No Load
Enable1,2 = VSS
40
35
30
25
20
15
10
05
0
VSUPPLY (V)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-40°C
85°C
25°C
Enable1,2 = VDD
No Load
VSUPPLY (V)
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
85°C
25°C
-40°C
Enable1 = VDD
Enable2 = VSS
No Load
LMH2180
SNAS419C – JANUARY 2008 – REVISED AUGUST 2011
www.ti.com
Typical Performance Characteristics (continued)
TA = 25°C, VDD = 2.7V, VSS = 0V, Enable1,2 = VDD, CL = 10 pF, RL = 30 kΩ and CCOUPLING = 10 nF, unless otherwise specified.
ISUPPLY
ISUPPLY
vs.
vs.
VSUPPLY
VSUPPLY
Figure 21.
Figure 22.
ISUPPLY
PSRR
vs.
vs.
VSUPPLY
Frequency
Figure 23.
Figure 24.
VOS
ROUT
vs.
vs.
VSUPPLY
Frequency
Figure 25.
Figure 26.
10
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LMH2180


Similar Part No. - LMH2180_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2180SD NSC-LMH2180SD Datasheet
505Kb / 16P
   75 MHz Dual Clock Buffer
logo
Texas Instruments
LMH2180SD TI1-LMH2180SD Datasheet
512Kb / 18P
[Old version datasheet]   LMH2180 75 MHz Dual Clock Buffer
LMH2180SD/NOPB TI1-LMH2180SD/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   75 MHz Dual Clock Buffer
LMH2180SDE TI1-LMH2180SDE Datasheet
512Kb / 18P
[Old version datasheet]   LMH2180 75 MHz Dual Clock Buffer
LMH2180SDE/NOPB TI1-LMH2180SDE/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   75 MHz Dual Clock Buffer
More results

Similar Description - LMH2180_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2180 NSC-LMH2180 Datasheet
505Kb / 16P
   75 MHz Dual Clock Buffer
logo
Texas Instruments
LMH2180 TI1-LMH2180 Datasheet
1Mb / 24P
[Old version datasheet]   75 MHz Dual Clock Buffer
LMH2180SDE TI1-LMH2180SDE Datasheet
512Kb / 18P
[Old version datasheet]   LMH2180 75 MHz Dual Clock Buffer
LMV112 TI1-LMV112_14 Datasheet
1Mb / 19P
[Old version datasheet]   40 MHz Dual Clock Buffer
logo
National Semiconductor ...
LMV112 NSC-LMV112 Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
logo
Texas Instruments
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual Clock Divider Buffer
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
[Old version datasheet]   Dual Clock Divider Buffer
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
[Old version datasheet]   140-MHz PCI-X CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com