Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1F4004 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # LC1F4004
Description  TeSys??IEC-Style Contactors and Starters
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1F4004 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LC1F4004 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC1F4004 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC1F4004 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC1F4004 Datasheet HTML 9Page - List of Unclassifed Manufacturers LC1F4004 Datasheet HTML 10Page - List of Unclassifed Manufacturers LC1F4004 Datasheet HTML 11Page - List of Unclassifed Manufacturers LC1F4004 Datasheet HTML 12Page - List of Unclassifed Manufacturers LC1F4004 Datasheet HTML 13Page - List of Unclassifed Manufacturers LC1F4004 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 252 page
background image
TeSys™ IEC-Style Contactors and Starters Selection Guide
Technical Information: Protective Treatment / Climatic Environment
© 2001-2004 Schneider Electric All Rights Reserved
10
01/04
Technical Information: Protective Treatment According to Climatic Environment
Depending on the climatic and environmental conditions in which the equipment is placed,
Telemecanique can offer specially adapted products to meet your requirements.
In order to make the correct choice of protective finish, two points should be remembered:
• The prevailing climate of the country is never the only criterion.
• Only the atmosphere in the immediate vicinity of the equipment should be considered.
“TC” Treatment for All Climates
“TC” is the standard treatment for Telemecanique equipment and is suitable for the vast majority of
applications. It is the equivalent of treatments described as “Klimafest,” “Climateproof,” “Total
Tropicalization,” or “Super Tropicalization,” and meets the following requirements:
• Publication UTE C 63-100 (method l), successive cycles of humid heat at + 40 °C (104 °F) and
95% relative humidity.
• DIN 50016 — Variations of ambient conditions within a climatic chamber:
+ 23 °C (73 °F) and 83% relative humidity,
+ 40 °C (104 °F) and 92% relative humidity.
It also meets the requirements of the marine classification authority BV-LROS-GL-DNV-RINA.
Characteristics
• Steel components are usually treated with zinc chromate and, when they have a mechanical function,
they may also be painted.
• Insulating materials are selected for their high electrical, dielectric and mechanical characteristics.
• Metal enclosures have a stoved paint finish, applied over a primary phosphate protective coat, or are
galvanized (for example, some prefabricated busbar trunking components).
Limits for Use of “TC” (All Climates) Treatment
• “TC” treatment is suitable for the following temperatures and humidity:
• It may also be used where the above limits are only exceeded accidentally or for very short periods,
or where temperature variations are not sufficient or fast enough to cause heavy condensation or
dripping water on the equipment. “TC” treatment is therefore suitable for all latitudes, including
tropical and equatorial regions, where the equipment is mounted in normal, ventilated industrial
locations. Being sheltered from external climatic conditions, temperature variations are small, the risk
of condensation is minimized, and the risk of dripping water is virtually non-existent.
Extension of Use of “TC” (All Climates) Treatment
In cases where the humidity around the equipment exceeds the conditions described above, where the
equipment (in tropical regions) is mounted outdoors, or where it is placed in a very humid location
(laundries, sugar refineries, steam rooms, and so forth), “TC” treatment can still be used if the following
precautions are taken:
• The enclosure in which the equipment is mounted must be protected with a “TH” finish (see page 11)
and must be well ventilated to avoid condensation and dripping water (for example, enclosure base
plate mounted on spacers).
• Components mounted inside the enclosure must have a “TC” finish.
• If the equipment is to be switched off for long periods, a heater must be provided (0.2 to 0.5 kW per
square decimeter / 15.5 square inch of enclosure), switched on automatically when the equipment is
turned off. This heater keeps the inside of the enclosure at a temperature slightly higher than the
outside surrounding temperature, thereby avoiding any risk of condensation and dripping water (the
heat produced by the equipment itself in normal running is sufficient to provide this temperature
difference).
Temperature
20 °C (68 °F)
40 °C (104 °F)
50 °C (122 °F)
Relative Humidity
95%
80%
50%


Similar Part No. - LC1F4004

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1F4004F7 SCHNEIDER-LC1F4004F7 Datasheet
149Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 500 A - coil 110 V AC
LC1F4004M7 SCHNEIDER-LC1F4004M7 Datasheet
149Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 500 A - coil 220 V AC
More results

Similar Description - LC1F4004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
   TeSys contactors
logo
List of Unclassifed Man...
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com