Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1F5004 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # LC1F5004
Description  TeSys??IEC-Style Contactors and Starters
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1F5004 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button LC1F5004 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC1F5004 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC1F5004 Datasheet HTML 9Page - List of Unclassifed Manufacturers LC1F5004 Datasheet HTML 10Page - List of Unclassifed Manufacturers LC1F5004 Datasheet HTML 11Page - List of Unclassifed Manufacturers LC1F5004 Datasheet HTML 12Page - List of Unclassifed Manufacturers LC1F5004 Datasheet HTML 13Page - List of Unclassifed Manufacturers LC1F5004 Datasheet HTML 14Page - List of Unclassifed Manufacturers LC1F5004 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 252 page
background image
TeSys™ IEC-Style Contactors and Starters Selection Guide
Technical Information: Protective Treatment / Climatic Environment
11
01/04
© 2001-2004 Schneider Electric All Rights Reserved
• For pilot devices, the use of “TC” treatment can be extended to outdoor use provided the enclosure
is made of light alloys, zinc alloys, or plastic material. In this case, it is essential to ensure that the
degree of protection against penetration of liquids and solid objects is suitable for the applications
involved.
“TH” Treatment for Hot and Humid Environments
This treatment is for hot and humid atmospheres where installations are subject to condensation,
dripping water, and the risk of fungi.
Plastic insulating components are also resistant to attacks from insects such as termites and
cockroaches. These properties have led to this treatment being described as “Tropical Finish,” but this
does not mean that all equipment installed in tropical and equatorial regions must have undergone “TH”
treatment. On the other hand, certain operating conditions in temperate climates may well require the
use of “TH”-treated equipment (see the Limits for Use of “TC” Treatment section on page 10).
The following are special characteristics of “TH” treatment:
• All insulating components are made of materials which are either resistant to fungi or treated with a
fungicide, having increased resistance to creepage (Standards IEC 112, NF C 26-220, DIN 5348).
• Metal enclosures receive a top-coat of baked, fungicidal paint, applied over a rust inhibiting
undercoat. Components with “TH” treatment may be subject to a surcharge (a large number of
Telemecanique products are “TH” treated as standard and are, therefore, not subject to a price
surcharge). Please consult our local representatives or agents.
Special Precautions for Electronic Equipment
Electronic products always meet the requirements of “TC” treatment. A number of them are “TH”-treated
as standard.
Some electronic products (for example, programmable controllers, flush-mountable controllers CCX,
and flush-mountable operator terminals XBT) necessitate the use of an enclosure providing a degree of
protection to at least IP 54 (as defined by the standards IEC 60664 and NF C 20 040) for use in industrial
applications or in environmental conditions requiring a “TH” treatment.
These electronic products, including flush-mountable products, must have a degree of protection to at
least IP 20 (either provided by the enclosure itself or following installation) for restricted access locations
where the degree of pollution does not exceed 2 (a test booth not containing machinery or other dust
producing activities, for example).
Protective Treatment Selection Guide
Location
Environmental
Conditions
Duty Cycle
Internal Heating of
Enclosure when
Not in Use
Type of Climate
Protective Treatment of
Components
Enclosure
Indoors
No dripping water
or condensation
Unimportant
Unnecessary
Unimportant
“TC”
“TC”
Presence of
dripping water
or condensation
Frequent
switching off
for periods of
more than 1 day
No
Temperate
“TC”
“TH”
Equatorial
“TH”
“TH”
Yes
Unimportant
“TC”
“TH”
Continuous
Unnecessary
Unimportant
“TC”
“TH”
Outdoors
(sheltered)
No dripping water
or dew
Unimportant
Unnecessary
Temperate
“TC”
“TC”
Equatorial
“TH”
“TH”
Exposed
outdoors, or
near the sea
Frequent and
regular presence
of dripping water
or dew
Frequent
switching off
for periods of
more than 1 day
No
Temperate
“TC”
“TH”
Equatorial
“TH”
“TH”
Yes
Unimportant
“TC”
“TH”
Continuous
Unnecessary
Unimportant
“TC”
“TH”
These treatments cover, in particular, the applications defined by methods I and II of guide UTE C 63-100.


Similar Part No. - LC1F5004

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1F5004F7 SCHNEIDER-LC1F5004F7 Datasheet
149Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 700 A - coil 110 V AC
LC1F5004FD SCHNEIDER-LC1F5004FD Datasheet
149Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 700 A - coil 110 V DC
More results

Similar Description - LC1F5004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
   TeSys contactors
logo
List of Unclassifed Man...
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com