Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK03200 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03200
Description  Family Precision 0-Delay Clock Conditioner with Integrated VCO
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03200 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMK03200 Datasheet HTML 7Page - Texas Instruments LMK03200 Datasheet HTML 8Page - Texas Instruments LMK03200 Datasheet HTML 9Page - Texas Instruments LMK03200 Datasheet HTML 10Page - Texas Instruments LMK03200 Datasheet HTML 11Page - Texas Instruments LMK03200 Datasheet HTML 12Page - Texas Instruments LMK03200 Datasheet HTML 13Page - Texas Instruments LMK03200 Datasheet HTML 14Page - Texas Instruments LMK03200 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
0
2000
FREQUENCY (MHz)
-146
-148
-150
-152
-154
-156
-158
-160
1200
400
800
1600
200
600
1000
1400
1800
Vboost = 1
Vboost = 0
0
2000
FREQUENCY (MHz)
-146
-148
-150
-152
-154
-156
-158
-160
1200
400
800
1600
200
600
1000
1400
1800
Vboost = 1
Vboost = 0
0
2000
FREQUENCY (MHz)
1200
400
800
1600
200
600
1000
1400
1800
Vboost = 1
Vboost = 0
1000
900
700
600
400
200
100
0
800
500
300
0
2000
FREQUENCY (MHz)
1200
400
800
1600
200
600
1000
1400
1800
Vboost = 1
Vboost = 0
1000
900
700
600
400
200
100
0
800
500
300
LMK03200
www.ti.com
SNAS478B – JULY 2009 – REVISED AUGUST 2009
Typical Performance Characteristics
These plots show performance at frequencies beyond what the part is guaranteed to operate at to give the user an idea of
the capabilities of the part, but they do not imply any sort of guarantee.
LVDS Vod
LVPECL Vod
Figure 2.
Figure 3.
LVDS Output Buffer Noise Floor
LVPECL Output Buffer Noise Floor
To estimate this noise, only the output frequency is required. Divide
To estimate this noise, only the output frequency is required. Divide
value and input frequency are not integral.
value and input frequency are not integral.
Figure 4.
Figure 5.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMK03200


Similar Part No. - LMK03200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03200 NSC-LMK03200 Datasheet
819Kb / 40P
   Precision 0-Delay Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200 TI1-LMK03200 Datasheet
1Mb / 53P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner
logo
National Semiconductor ...
LMK03200ISQ NSC-LMK03200ISQ Datasheet
819Kb / 40P
   Precision 0-Delay Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200ISQ/NOPB TI1-LMK03200ISQ/NOPB Datasheet
1Mb / 53P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner
logo
National Semiconductor ...
LMK03200ISQE NSC-LMK03200ISQE Datasheet
819Kb / 40P
   Precision 0-Delay Clock Conditioner with Integrated VCO
More results

Similar Description - LMK03200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03200 NSC-LMK03200 Datasheet
819Kb / 40P
   Precision 0-Delay Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200 TI1-LMK03200 Datasheet
1Mb / 53P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner
logo
National Semiconductor ...
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03002C NSC-LMK03002C_14 Datasheet
2Mb / 28P
   Precision Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
[Old version datasheet]   Precision Clock Conditioner with Dual PLLs and Integrated VCO
logo
National Semiconductor ...
LMK3001 NSC-LMK3001 Datasheet
3Mb / 23P
   Precision Clock Conditioner with Integrated VCO Evaluation Board Operating Instructions
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
   Precision Clock Conditioner with Integrated PLL
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
   Precision Clock Conditioner with Integrated PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com