Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805C106K9PAC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # C0805C106K9PAC
Description  Precision Clock Conditioner with Integrated VCO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

C0805C106K9PAC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  C0805C106K9PAC Datasheet HTML 1Page - National Semiconductor (TI) C0805C106K9PAC Datasheet HTML 2Page - National Semiconductor (TI) C0805C106K9PAC Datasheet HTML 3Page - National Semiconductor (TI) C0805C106K9PAC Datasheet HTML 4Page - National Semiconductor (TI) C0805C106K9PAC Datasheet HTML 5Page - National Semiconductor (TI) C0805C106K9PAC Datasheet HTML 6Page - National Semiconductor (TI) C0805C106K9PAC Datasheet HTML 7Page - National Semiconductor (TI) C0805C106K9PAC Datasheet HTML 8Page - National Semiconductor (TI) C0805C106K9PAC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
L M K 0 3 0 0 2 C
E V A L U A T I O N
B O A R D
O P E R A T I N G
I N S T R U C T I O N S
3
General Description
The LMK03002C Evaluation Board simplifies evaluation of the LMK03002C Precision Clock
Conditioner with Integrated VCO. The package consists of an evaluation board and CodeLoader
software. The CodeLoader software will run on a Windows 2000 or Windows XP PC. The purpose of
the CodeLoader software is to program the internal registers of the LMK03002C device through a
MICROWIRE
TM interface.
The LMK0300xC PCB works for many LMK0300xC devices. Because of this the silkscreen on
the board is different from actual clock outputs in the datasheet and in CodeLoader. Refer to the
table below for the correct mapping.
Datasheet / CodeLoader
LMK0300xC EVB PCB
CLKout0 / CLKout0*
CLKout4 / CLKout4*
CLKout1 / CLKout1*
CLKout5 / CLKout5*
CLKout2 / CLKout2*
CLKout6 / CLKout6*
CLKout3 / CLKout3*
CLKout7 / CLKout7*
Loop Filter #1
Phase Margin
63º
K
φφφφ
3200 uA
Loop Bandwidth
105 kHz
Fcomp
16 MHz
Crystal Frequency
16 MHz
Output Frequency
1566 to 1724 MHz
Supply Voltage
3.3 Volts
VCO Gain
13 MHz/Volt
VCO
100 pF
110 pF
600
200
CPout
Charge Pump
R3
R4
C3
C4
(Loop filter #1 is selected by placing a 0 ohm resistor on pad R22)


Similar Part No. - C0805C106K9PAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C106K9PAC KEMET-C0805C106K9PAC Datasheet
125Kb / 4P
   Ceramic Capacitor
C0805C106K9PACTU KEMET-C0805C106K9PACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 10 uF, /-10% Tol, 6.3V, X5R, 0805
More results

Similar Description - C0805C106K9PAC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03200 NSC-LMK03200 Datasheet
819Kb / 40P
   Precision 0-Delay Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
[Old version datasheet]   Precision Clock Conditioner with Dual PLLs and Integrated VCO
LMK03200 TI1-LMK03200_14 Datasheet
1Mb / 50P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner with Integrated VCO
logo
National Semiconductor ...
LMK3001 NSC-LMK3001 Datasheet
3Mb / 23P
   Precision Clock Conditioner with Integrated VCO Evaluation Board Operating Instructions
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
   Precision Clock Conditioner with Integrated PLL
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
   Precision Clock Conditioner with Integrated PLL
logo
Texas Instruments
LMK03002 TI1-LMK03002 Datasheet
934Kb / 39P
[Old version datasheet]   Precision Clock Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com