Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK04001 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04001
Description  Family Low-Noise Clock Jitter Cleaner with Cascaded PLLs
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04001 Datasheet(HTML) 4 Page - Texas Instruments

  LMK04001 Datasheet HTML 1Page - Texas Instruments LMK04001 Datasheet HTML 2Page - Texas Instruments LMK04001 Datasheet HTML 3Page - Texas Instruments LMK04001 Datasheet HTML 4Page - Texas Instruments LMK04001 Datasheet HTML 5Page - Texas Instruments LMK04001 Datasheet HTML 6Page - Texas Instruments LMK04001 Datasheet HTML 7Page - Texas Instruments LMK04001 Datasheet HTML 8Page - Texas Instruments LMK04001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
47
48
46
45
44
43
42
41
40
39
38
37
11
12
10
9
8
7
6
5
4
3
2
1
14
13
15
16
17
18
19
20
21
22
23
24
26
25
27
28
29
30
31
32
33
34
35
36
GND
Fout
Vcc1
Vcc2
CLKin1*
Vcc8
Vcc9
Vcc10
CLKuWire
DATAuWire
LEuWire
NC
LDObyp1
LDObyp2
GOE
LD
CLKin1
SYNC*
OSCin
OSCin*
CPout2
CLKin0_LOS
CLKin1_LOS
Bias
DAP
LMK04000, LMK04001, LMK04002, LMK04010
LMK04011, LMK04031, LMK04033
SNOSAZ8J – SEPTEMBER 2008 – REVISED SEPTEMBER 2011
www.ti.com
Connection Diagram
Figure 1. 48-Pin WQFN Package
Top View
PIN DESCRIPTIONS
Pin Number
Name(s)
I/O
Type
Description
1
GND
GND
Ground (For Fout Buffer)
2
Fout
O
ANLG
VCO Frequency Output Port
3
VCC1
PWR
Power Supply for VCO Output Buffer
4
CLKuWire
I
CMOS
Microwire Clock Input
5
DATAuWire
I
CMOS
Microwire Data Input
6
LEuWire
I
CMOS
Microwire Latch Enable Input
7
NC
No Connection
8
VCC2
PWR
Power Supply for VCO
9
LDObyp1
ANLG
LDO Bypass, bypassed to ground with a 10 µF capacitor
10
LDObyp2
ANLG
LDO Bypass, bypassed to ground with a 0.1 µF
capacitor
11
GOE
I
CMOS
Global Output Enable
12
LD
O
CMOS
Lock Detect and PLL multiplexer Output
13
VCC3
PWR
Power Supply for CLKout0
14
CLKout0
O
LVDS/LVPECL
Clock Channel 0 Output
15
CLKout0*
O
LVDS/LVPECL
Clock Channel 0* Output
16
DLD_BYP
ANLG
DLD Bypass, bypassed to ground with a 0.47 µF
capacitor
17
GND
GND
Ground (Digital)
18
VCC4
PWR
Power Supply for Digital
4
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LMK04000 LMK04001 LMK04002 LMK04010 LMK04011 LMK04031 LMK04033


Similar Part No. - LMK04001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK04001BISQ NSC-LMK04001BISQ Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
LMK04001BISQE NSC-LMK04001BISQE Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
LMK04001BISQX NSC-LMK04001BISQX Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
More results

Similar Description - LMK04001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK04000 NSC-LMK04000 Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
logo
Texas Instruments
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   LMK04100 Family Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
Texas Instruments
LMK04816 TI1-LMK04816_14 Datasheet
2Mb / 77P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04800 TI1-LMK04800 Datasheet
985Kb / 91P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04906 TI1-LMK04906_14 Datasheet
1Mb / 71P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI1-LMK04826B_14 Datasheet
2Mb / 104P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04816BISQE TI-LMK04816BISQE Datasheet
1Mb / 123P
[Old version datasheet]   LMK04816 Three Input Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com