Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2430 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2430
Description  PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2430 Datasheet(HTML) 3 Page - Texas Instruments

  LMX2430 Datasheet HTML 1Page - Texas Instruments LMX2430 Datasheet HTML 2Page - Texas Instruments LMX2430 Datasheet HTML 3Page - Texas Instruments LMX2430 Datasheet HTML 4Page - Texas Instruments LMX2430 Datasheet HTML 5Page - Texas Instruments LMX2430 Datasheet HTML 6Page - Texas Instruments LMX2430 Datasheet HTML 7Page - Texas Instruments LMX2430 Datasheet HTML 8Page - Texas Instruments LMX2430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
LMX2430, LMX2433, LMX2434
www.ti.com
SNAS187B – MAY 2004 – REVISED MAY 2004
Connection Diagrams
Figure 3. Ultra Thin Chip Scale Package (SLE)
(Top View)
Figure 4. Thin Shrink Small Outline Package (TM)
(Top View)
Pin Functions
Pin Descriptions
Pin No.
Pin No.
Pin Name
I/O
Description
UTCSP
TSSOP
1
2
GND
Ground for the IF PLL analog and digital circuits, MICROWIRETM, Ftest/LD and
oscillator circuits.
2
3
FinIF
I
IF PLL prescaler input. Small signal input from the VCO.
3
4
EN
I
Chip Enable input. High Impedance CMOS input. When this pin is set HIGH, the RF
and IF PLLs are powered up. Powerdown is then controlled through the
MICROWIRE. When this pin is set LOW, the device is asynchronously powered
down and the charge pump output is forced to a high impedance state (TRI-STATE).
4
5
CPoutIF
O
IF PLL charge pump output. The output is connected to the external loop filter,
which drives the input of the IF VCO.
5
6
ENosc
I
Oscillator Enable input. High impedance CMOS input. When this pin is set HIGH,
the oscillator buffer is always powered up, independent of the state of the EN pin.
When this pin is set LOW, the OSCout/ FLoutIF pin functions as an IF Fastlock
output, which connects a resistor in parallel to R2 of the external loop filter.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMX2430 LMX2433 LMX2434


Similar Part No. - LMX2430

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2430 TI1-LMX2430 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
logo
National Semiconductor ...
LMX2430SLEX NSC-LMX2430SLEX Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2430SLEX TI1-LMX2430SLEX Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
LMX2430SLEX/NOPB TI1-LMX2430SLEX/NOPB Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
More results

Similar Description - LMX2430

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com