Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDEDC3220-A5 Datasheet(PDF) 5 Page - Kemet Corporation

Part # LDEDC3220-A5
Description  SMD Film Capacitors Catalogue
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEDC3220-A5 Datasheet(HTML) 5 Page - Kemet Corporation

  LDEDC3220-A5 Datasheet HTML 1Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 2Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 3Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 4Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 5Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 6Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 7Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 8Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
SMD Film Capacitors
07/2008
PEN and PPS dielectrics typical frequency graphs
Note: measurements performed at T = 25 ± 5 °C
PEN
PPS
Capacitance vs. frequency
Capacitance vs. frequency
Dissipation factor vs. frequency
Dissipation factor vs. frequency
Equivalent Series Resistance vs. frequency
Equivalent Series Resistance vs. frequency
PEN and PPS Impedance vs. frequency


Similar Part No. - LDEDC3220-A5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDEDC3220 ETC1-LDEDC3220 Datasheet
499Kb / 8P
   PEN-PET H.T
logo
Kemet Corporation
LDEDC3220JA5N00 KEMET-LDEDC3220JA5N00 Datasheet
57Kb / 1P
   LDE, Film, Metallized PEN Stacked, Commercial Grade, 0.22 uF, 5%, 63 V, 40 V, 125C, 1812, 2.4mm
LDEDC3220KA5N00 KEMET-LDEDC3220KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.22 uF, 10%, 63 V, 40 V, 125C, 1812, 2.4mm
More results

Similar Description - LDEDC3220-A5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDECD3470JA5N00 KEMET-LDECD3470JA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
List of Unclassifed Man...
IPL10020 ETC1-IPL10020 Datasheet
211Kb / 4P
   Shortform Catalogue
logo
Amphenol Corporation
L77SDB25S AMPHENOL-L77SDB25S Datasheet
7Mb / 151P
   Amphenol Preferred Parts Catalogue
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
   High Surge Voltage SMD Film Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com