Electronic Components Datasheet Search |
|
LDEDD3390-A5 Datasheet(PDF) 3 Page - Kemet Corporation |
|
LDEDD3390-A5 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 16 page 3 SMD Film Capacitors 07/2008 Product coding LDE series - RoHS 6 The part number is composed of 15 digits: 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 L D E - - - - - - - A - - - 0 Digit 1 to 3 Series code. Digit 4 D.C. rated voltage: (V R) C = 50 V DC D = 63 V DC E = 100 V DC I = 250 V DC M = 400 V DC P = 630 V DC Q = 1000 V DC (new version) Digit 5 Size code (customized sizes available upon request) 12.06 12.10 18.12 22.20 28.24 40.30 50.40 60.54 A B C D E F G H Digit 6 to 9 Capacitance value Digits 7 - 8 - 9 indicate the first three numbers of the capacitance value, digit 6 indicates the number of zeros that must be added to obtain the rated capacitance in pF. Digit 10 Capacitance tolerance Standard: K = ± 10 % M = ± 20 % (J = ±5% available upon request and review of project/application) Digit 11 Dielectric code A = PEN Digit 12 Version 5 = standard 0 = miniature A to Z = special Digit 13 Packaging N = taped A to Z = special Digit 14 Internal use Digit 15 0 (used in LDE RoHS 6 series only) Product packaging LDB series - RoHS 6 The part number is composed of 14 digits: 1 2 3 4 5 6 7 8 9 10 11 12 13 14 L D B - - - - - - - C - - - Digit 1 to 3 Series code. Digit 4 D.C. rated voltage: (V R) A = 16 V DC C = 50 V DC Digit 5 Size code 12.06 12.10 18.12 A B C Digit 6 to 9 Capacitance value Digits 7 - 8 - 9 indicate the first three numbers of the capacitance value, digit 6 indicates the number of zeros that must be added to obtain the rated capacitance in pF. Digit 10 Capacitance tolerance G = ± 2 % J = ± 5 % Digit 11 Dielectric code C = PPS Digit 12 Version 5 = standard A to Z = special Digit 13 Packaging N = taped A to Z = special Digit 14 Internal use Size code Carrier tape code Carrier tape dimensions Reel dimensions Packaging quantities (pcs per reel) A0 [mm] B0 [mm] K0 [mm] W [mm] P [mm] T [μm] Ø [mm] W1 [mm] W2 [mm] 12.06 - 2.00 3.80 1.30 8 4 250 180 8 12 3000 12.10 - 3.00 3.80 2.10 8 4 250 180 8 12 2250 18.12 a 3.80 5.30 2.00 12 8 300 330 12 16 4000 b 3.90 5.20 2.60 3000 22.20 a 5.50 6.50 2.90 12 8 250 330 12 16 3000 b 3.80 2250 c 4.90 1750 28.24 a 6.60 7.90 3.80 16 8 300 330 16 20 2250 b 4.60 1750 c 5.50 1500 40.30 a 8.60 11.00 3.80 16 12 300 330 16 20 1500 b 4.60 1250 c 5.80 1000 50.40 a 10.90 13.50 3.80 24 12 250 330 24 28 1500 b 10.90 4.70 1250 c 11.00 5.90 1000 60.54 a 14.40 16.00 4.30 24 16 300 330 24 28 1000 b 5.10 300 750 c 5.80 300 750 In accordance with IEC 60286-3 Materials: - carrier tape: antistatic material - cover tape: polyester + polythene - reel: recyclable polystyrene All parts in reels are packed in hermetically sealed Moisture Barrier Bag (MBB) Class 1. SMD Film Capacitor (top view) Tape Reel |
Similar Part No. - LDEDD3390-A5 |
|
Similar Description - LDEDD3390-A5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |