Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2485 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2485
Description  50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2485 Datasheet(HTML) 5 Page - Texas Instruments

  LMX2485 Datasheet HTML 1Page - Texas Instruments LMX2485 Datasheet HTML 2Page - Texas Instruments LMX2485 Datasheet HTML 3Page - Texas Instruments LMX2485 Datasheet HTML 4Page - Texas Instruments LMX2485 Datasheet HTML 5Page - Texas Instruments LMX2485 Datasheet HTML 6Page - Texas Instruments LMX2485 Datasheet HTML 7Page - Texas Instruments LMX2485 Datasheet HTML 8Page - Texas Instruments LMX2485 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
LMX2485, LMX2485E
www.ti.com
SNAS236E – OCTOBER 2005 – REVISED FEBRUARY 2008
Electrical Characteristics (continued)
(VCC = 3.0V; -40°C ≤ TA ≤ +85°C unless otherwise specified)
Value
Symbol
Parameter
Conditions
Units
Min
Typ
Max
IF Charge Pump Source
ICPoutIFSRCE
VCPoutIF = VCC/2
3.5
mA
Current
IF Charge Pump Sink
ICPoutIFSINK
VCPoutIF = VCC/2
-3.5
mA
Current
IF Charge Pump TRI-
ICPoutIFTRI
0.5
≤ VCPoutIF ≤ VCC RF -0.5
2
10
nA
STATE Current Magnitude
Magnitude of IF CP Sink
VCPoutIF = VCC/2
| ICPoutIF%MIS |
1
8
%
vs. CP Source Mismatch
TA = 25°C
Magnitude of IF CP
0.5
≤ VCPoutIF ≤ VCC -0.5
| ICPoutIF%V |
4
10
%
Current vs. CP Voltage
TA = 25°C
Magnitude of IF CP
| ICPoutIF%TEMP
VCPoutIF = VCC/2
4
%
Current vs. Temperature
OSCILLATOR PARAMETERS
OSC2X = 0
5
110
MHz
Oscillator Operating
fOSCin
Frequency
OSC2X = 1
5
20
MHz
vOSCin
Oscillator Input Sensitivity
0.5
VCC
VP-P
IOSCin
Oscillator Input Current
-100
100
µA
SPURS
Spurs in band
(4)
-55
dBc
PHASE NOISE
RF_CPG = 0
-202
RF_CPG = 1
-202
RF Synthesizer
LF1HzRF
Normalized Phase Noise
RF_CPG = 3
-206
dBc/Hz
Contribution (5)
RF_CPG = 7
-208
RF_CPG = 15
-210
IF Synthesizer Normalized
LF1HzIF
-209
dBc/Hz
Phase Noise Contribution
DIGITAL INTERFACE (DATA, CLK, LE, ENOSC, CE, Ftest/LD, FLoutRF)
VIH
High-Level Input Voltage
1.6
VCC
V
VIL
Low-Level Input Voltage
0.4
V
IIH
High-Level Input Current
VIH = VCC
-1.0
1.0
µA
IIL
Low-Level Input Current
VIL = 0 V
-1.0
1.0
µA
VOH
High-Level Output Voltage IOH = -500 µA
VCC-0.4
V
VOL
Low-Level Output Voltage
IOL = 500 µA
0.4
V
MICROWIRE INTERFACE TIMING
Data to Clock Set Up
See MICROWIRE INPUT TIMING
tCS
25
ns
Time
DIAGRAM
See MICROWIRE INPUT TIMING
tCH
Data to Clock Hold Time
8
ns
DIAGRAM
See MICROWIRE INPUT TIMING
tCWH
Clock Pulse Width High
25
ns
DIAGRAM
(4)
In order to measure the in-band spur, the fractional word is chosen such that when reduced to lowest terms, the fractional numerator is
one. The spur offset frequency is chosen to be the comparison frequency divided by the reduced fractional denominator. The loop
bandwidth must be sufficiently wide to negate the impact of the loop filter. Measurement conditions are: Spur Offset Frequency = 10
kHz, Loop Bandwidth = 100 kHz, Fraction = 1/2000, Comparison Frequency = 20 MHz, RF_CPG = 7, DITH = 0, and a 4th Order
Modulator (FM = 0). These are relatively consistent over tuning range.
(5)
Normalized Phase Noise Contribution is defined as: LN(f) = L(f) – 20log(N) – 10log(fCOMP) where L(f) is defined as the single side band
phase noise measured at an offset frequency, f, in a 1 Hz Bandwidth. The offset frequency, f, must be chosen sufficiently smaller than
the PLL loop bandwidth, yet large enough to avoid substantial phase noise contribution from the reference source. Measurement
conditions are: Offset Frequency = 11 kHz, Loop Bandwidth = 100 kHz for RF_CPG = 7, Fraction = 1/2000, Comparison Frequency =
20 MHz, FM = 0, DITH = 0.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMX2485 LMX2485E


Similar Part No. - LMX2485

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2485 NSC-LMX2485 Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485 NSC-LMX2485 Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485 NSC-LMX2485 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
logo
Texas Instruments
LMX2485 TI1-LMX2485 Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
logo
National Semiconductor ...
LMX2485E NSC-LMX2485E Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
More results

Similar Description - LMX2485

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2485 NSC-LMX2485 Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485_0610 NSC-LMX2485_0610 Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2487 NSC-LMX2487 Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
National Semiconductor ...
LMX2487 NSC-LMX2487_08 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2485Q-Q1 TI-LMX2485Q-Q1_15 Datasheet
606Kb / 40P
[Old version datasheet]   LMX2485Q 500 MHz - 3.1 GHz High Performance Delta-Sigma Low Power DualPLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
National Semiconductor ...
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com