Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFRA201-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CFRA201-G
Description  SMD Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CFRA201-G Datasheet(HTML) 2 Page - Comchip Technology

  CFRA201-G Datasheet HTML 1Page - Comchip Technology CFRA201-G Datasheet HTML 2Page - Comchip Technology CFRA201-G Datasheet HTML 3Page - Comchip Technology CFRA201-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-BF009
RATING AND CHARACTERISTIC CURVES (CFRA201-G thru CFRA207-G)
Ambient temperature, (°C)
175
125
50
25
Fig.1- Forward current derating curve
0
0.5
1.0
1.5
2.0
Reverse Voltage, (V)
1
Fig.3- Typical junction capacitance
100
10
100
Fig.2- Maximum Non-repetitive Surge Current
Comchip Technology CO., LTD.
Page 2
REV:A
10
SMD Fast Recovery Rectifiers
75
100
1
10
100
Number Of Cycle At 60Hz
0
10
20
Instantaneous forward voltage, (V)
0
Fig.4- Typical forward characteristics
0.01
0.1
1
10
0.4
30
40
50
60
TJ=25°C
Pulse width 8.3ms
(JEDEC method)
single half - sine - wave
0.2
0.8
0.6
1.2
1.0
1.6
1.4
1.8
Pulse width 300μS
TJ=25°C
0
CFRA201-G-CFRA204-G
CFRA205-G-CFRA207-G
TJ=25°C, f=1MHZ
150
Single phase half wave 60Hz
Resistive or inductive lode


Similar Part No. - CFRA201-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
   SMD Fast Recovery Rectifiers
More results

Similar Description - CFRA201-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRM101-G COMCHIP-CFRM101-G Datasheet
49Kb / 2P
   SMD Fast Recovery Rectifiers
CFRC301-G COMCHIP-CFRC301-G Datasheet
49Kb / 2P
   SMD Fast Recovery Rectifiers
CFRA101-G COMCHIP-CFRA101-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
CFRM101-HF COMCHIP-CFRM101-HF Datasheet
96Kb / 4P
   SMD Fast Recovery Rectifiers
CFRB201-G COMCHIP-CFRB201-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
   SMD Fast Recovery Rectifiers
CFRC301-G COMCHIP-CFRC301-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
logo
Formosa MS
FFM101-MS FORMOSA-FFM101-MS Datasheet
96Kb / 7P
   SMD Fast Recovery Rectifiers
logo
Comchip Technology
CFRM101-G COMCHIP-CFRM101-G_12 Datasheet
96Kb / 4P
   SMD Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com