Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGRBT301-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CGRBT301-HF
Description  SMD General Purpose Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRBT301-HF Datasheet(HTML) 1 Page - Comchip Technology

  CGRBT301-HF Datasheet HTML 1Page - Comchip Technology CGRBT301-HF Datasheet HTML 2Page - Comchip Technology CGRBT301-HF Datasheet HTML 3Page - Comchip Technology CGRBT301-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD General Purpose Rectifiers
Glass Passivated Type
Reverse Voltage: 200 to 1000 Volts
Forward Current: 3.0 Amp
RoHS Device
Page 1
REV:A
Features
- Glass passivated cavity-free junction.
- Lead less chip form, no lead damage.
- Plastic package has Underwriters lammability
classification 94V-0.
- Low forward voltage drop.
Mechanical data
- Case: Packed with FRP substrate and epoxy underfilled.
- Polarity: Cathode Band, Laser marking.
- Weight: 0.04 grams (approx).
CGRBT301-HF Thru. CGRBT305-HF
QW-JG006
Notes: 1. Thermal resistance from junction to ambient and from junction to lead P.C.B. monuted on 0.2×0.2”(5.0*5.0mm) copper pad areas.
Comchip Technology CO., LTD.
Absolute Maximum Ratings (at TA=25°C unless otherwise noted)
CGRBT
301-HF
Max. Repetitive peak reverse voltage
Peak forward surge current, 8.3ms
single half sine-wave superimposed
on rate load (JEDEC method)
Max. Average forward current
Operating junction temperature
Storage temperature
CGRBT
302-HF
CGRBT
303-HF
CGRBT
304-HF
CGRBT
305-HF
Units
Symbol
Parameter
VRRM
IFSM
IO
TJ
TSTG
200
400
95
3.0
-65 to +175
-65 to +175
600
V
A
A
°C
°C
800
1000
Company reserves the right to improve product design , functions and reliability without notice.
Repetitive peak reverse current
V
uA
Parameter
Conditions
Forward voltage
Thermal Resistance
VR =Max. VRRM, TA=25°C
Junction to ambient (Note)
Symbol
IRRM
RθJA
CJ
MIN.
TYP.
MAX.
5
74
Unit
IF =3.0A
0.94
1.00
0.10
Junction capacitance
VR=4V, f=1.0MHZ
23
pF
Junction to lead (Note)
RθJL
10
°C/W
---
---
---
VF
---
---
---
---
---
Electrical Characteristics (at TA=25°C unless otherwise noted)
Halogen Free
Dimensions in inches and (millimeter)
0.209(5.30)
0.201(5.10)
0.146(3.70)
0.138(3.50)
0.049(1.25)
0.041(1.05)
0.049(1.25)
0.041(1.05)
0.041(1.05)
0.053(1.35)
R0
.02
8(0
.71
)
2114/DO-214AA
R0
.02
7(0
.68
)
0.119(3.01)
Typ.
Circuit Diagram
- Terminals: Pure Tin plated (Lead-Free),solderable
per MIL-STD-750, method 2026.


Similar Part No. - CGRBT301-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRBT301-HF COMCHIP-CGRBT301-HF Datasheet
526Kb / 4P
   SMD General Purpose Rectifiers
More results

Similar Description - CGRBT301-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
   SMD General Purpose Rectifiers
ACGRAS1W-HF COMCHIP-ACGRAS1W-HF Datasheet
94Kb / 4P
   SMD General Purpose Rectifiers
ACGRB201-HF COMCHIP-ACGRB201-HF Datasheet
102Kb / 4P
   SMD General Purpose Rectifiers
ACGRMS4007-HF COMCHIP-ACGRMS4007-HF Datasheet
95Kb / 4P
   SMD General Purpose Rectifiers
ACGRBT201-HF COMCHIP-ACGRBT201-HF Datasheet
122Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRBT301-HF COMCHIP-CGRBT301-HF Datasheet
526Kb / 4P
   SMD General Purpose Rectifiers
CGRM4001-G COMCHIP-CGRM4001-G_12 Datasheet
97Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRB301-G COMCHIP-CGRB301-G Datasheet
46Kb / 2P
   SMD General Purpose Rectifiers
CGRC301-HF COMCHIP-CGRC301-HF Datasheet
160Kb / 4P
   SMD General Purpose Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com