Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3319E Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RF3319E
Description  868.95 MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RF3319E Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RF3319E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RF3319E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RF3319E Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 3
©2009 by RF Monolithics, Inc.
RF3319E - 9/14/09
CH1
S21
LOG
1 dB/
REF -4 dB
CH1
CENTER
869 . 000
000
MHz
SPAN
2 . 000
000
MHz
Cor
CH2
S21
LOG
10 dB/
REF -3 dB
CH2
CENTER
870 . 000
000
MHz
SPAN
320 . 000
000
MHz
Cor
9 Feb 2009 15:29:57
1
2
3
4
1 : 0 . 0000
dB
0. 000
000
MHz
Max
REF=1
CH1
Markers
BW :
. 857449
MHz
cent
:
869 . 051576
MHz
Q: 1013
. 5
1_ loss
: -2 . 8273
dB
1
2
1 : 0 . 0000
dB
0. 000
000
MHz
REF=1
CH2
Markers
2: -44
. 220
dB
-10
. 7000
MHz
RF3 319 E DEM O
Resp
Resp
RF3319E Passband and Broadband Amplitude Response


Similar Part No. - RF3319E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3319E RFM-RF3319E Datasheet
211Kb / 3P
   868.95 MHz SAW Filter
More results

Similar Description - RF3319E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1319D RFM-RF1319D Datasheet
56Kb / 2P
   868.95 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3319D MURATA-RF3319D Datasheet
63Kb / 2P
   868.95 MHz SAW Filter
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
   SAW filter 868.95 MHz
logo
RF Monolithics, Inc
RF3319E RFM-RF3319E Datasheet
211Kb / 3P
   868.95 MHz SAW Filter
RF3319D RFM-RF3319D Datasheet
63Kb / 2P
   868.95 MHz SAW Filter
RO2156D RFM-RO2156D Datasheet
95Kb / 2P
   868.95 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3156A MURATA-RO3156A Datasheet
391Kb / 2P
   868.95 MHz SAW Resonator
RO3156A-3 MURATA-RO3156A-3 Datasheet
75Kb / 2P
   868.95 MHz SAW Resonator
RO3156E-3 MURATA-RO3156E-3 Datasheet
445Kb / 2P
   868.95 MHz SAW Resonator
RO3156A MURATA-RO3156A_15 Datasheet
173Kb / 3P
   868.95 MHz SAW Reso
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com