Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URA2415D-30W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URA2415D-30W
Description  DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URA2415D-30W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URA2415D-30W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URA2415D-30W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URA2415D-30W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URA2415D-30W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URA2415D-30W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URA2415D-30W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URA_D-30W&URB_D-30W
2013.05.31-A/2
Page 1 of 6
URA_D-30W&URB_D-30W SERIES
30W,4:1WIDE INPUT, ISOLATED & REGULATED
DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
Patent Protection
RoHS
PART NUMBER SYSTEM
URB2405D-30W
Product Series
Input Voltage
Output Voltage
Package
Rated Power
FEATURES
● Efficiency up to 90%
● 4:1 wide input voltage range
● 1500VDC isolation
● Six-sided metal shield
● Short circuit protection
(automatic recovery)
● Operating temperature: -40°C to +85°C
● Industry standard pinout
APPLICATION
URA_D-30W&URB_D-30W series offer 30W of output,
wide input voltage:9-36VDC , 18-75VDC , and features
1500VDC isolation, six-sided metal shield, over current and
short circuit protection. All models are particularly suitable
for
industrial,
telecommunication,
electric
power,
test
equipments applications.
SELECTION GUIDE
Input Voltage(VDC)
Output Current (mA)
Input Current
(mA)(typ.)
Model
Nominal
(Range)
Max*
Output
Voltage
(VDC)
Max.
Min.
@Max.
Load
@No
Load
Reflected
Ripple
Current
(mA,typ.)
Max.
Capacitive
Load
# (µF)
Efficiency
(%, typ.)
@Max.
Load
Approval
URA2405D-30W
±5
±3000
±150
1450
2000
86
URA2412D-30W
±12
±1250
±63
1250
89
URA2415D-30W
±15
±1000
±50
1420
30
680
90
URB2405D-30W
5
6000
300
120
6000
88
URB2412D-30W
12
2500
125
2500
88
URB2415D-30W
24
(9-36)
40
15
2000
100
1420
30
1100
90
URA4805D-30W
±5
±3000
±150
1450
2000
86
URA4812D-30W
±12
±1250
±63
1250
87
URA4815D-30W
±15
±1000
±50
1420
30
680
87
URB4805D-30W
5
6000
300
100
6000
88
URB4812D-30W
12
2500
125
2500
88
URB4815D-30W
48
(18-75)
80
15
2000
100
1420
30
30
1100
89
Note: 1. *Input voltage can
’t exceed this value, or will cause the permanent damage.
#
For each output.
2. Add suffix
“H” for heat sink mounted, for example URB2405D-30WH.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Models ON
--
--
9
Nominal Input
(24V)
Models OFF
8
--
--
Models ON
--
--
17.8
Under Voltage Lockout
Nominal Input
(48V)
Models OFF
16
--
--
VDC
Start-up Time
--
10
--
ms
Models ON
Ctrl leave open or connect TTL high level(3.5-12VDC)
Models OFF
Ctrl connect GND or low level(0-1.2VDC)
Ctrl*
Input current (Models OFF)
--
--
1
mA
Input Filter
Pi Filter
Note:* The CTRL pin voltage is referenced to GND.


Similar Part No. - URA2415D-30W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2415D-30WR2 MORNSUN-URA2415D-30WR2 Datasheet
1Mb / 7P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - URA2415D-30W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
WRA0505SP-3W MORNSUN-WRA0505SP-3W Datasheet
109Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com