Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB2415D-30WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # URB2415D-30WR2
Description  DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB2415D-30WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  URB2415D-30WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB2415D-30WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB2415D-30WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB2415D-30WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB2415D-30WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB2415D-30WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URB2415D-30WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URA_D-30WR2&URB_D-30WR2
2013.03.12-A/0
Page 3 of7
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. CriteriaA
EMS
Voltage dips, short
and interruptions
immunity
IEC/EN61000-4-29
0%-70%
perf. CriteriaB
EMC RECOMMENDED CIRCUIT
Vin
G ND
+ Vo
- Vo
EUT
L O AD
C2
L CM
C0
TVS
L DM
M OV
FU SE
C1
C4
V in
G ND
C3
L O AD
0V
Vin
G ND
+Vo
0V
EUT
LO AD
C2
LCM
C0
TVS
LDM
MOV
FUSE
C1
C4
Vin
G ND
C3
URA_D-30WR2
URB_D-30WR2
(Figure 1)
Recommended external circuit parameters:
Model
URA24_D-30WR2 URB24_D-30WR2 URA48_D-30WR2 URB48_D-30WR2
FUSE
Choose according to practical input current
MOV
10D560K
10D101K
LDM
56
μH
TVS
SMCJ48A
SMCJ90A
C0
120
μF/50V
120
μF/100V
C1
4.7
μF /50V
2.2
μF /100V
LCM
2.2mH (FL2D-30-222)
C2
4.7
μF /50V
2.2
μF /100V
C3,C4
1nF/2KV
Note: 1. In Figure 1, part①is EMS Recommended external circuit, part②is EMI recommended external circuit. Choose according to requirements.
2. FL2D-30-222 is the EMC auxiliary component of our company.
EMC RECOMMENDED CIRCUIT PCB LAYOUT
(Figure 2)


Similar Part No. - URB2415D-30WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB2415D-30W MORNSUN-URB2415D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - URB2415D-30WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
WRA0505SP-3W MORNSUN-WRA0505SP-3W Datasheet
109Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com