Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URA2405YMD-6WR3 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URA2405YMD-6WR3
Description  DC/DC Power Supply Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URA2405YMD-6WR3 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URA2405YMD-6WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URA2405YMD-6WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URA2405YMD-6WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URA2405YMD-6WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URA2405YMD-6WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URA2405YMD-6WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DC/DC Power Supply Module
URA_YMD-6WR3 & URB_YMD-6WR3 Series
2014.07.17-A/0
Page 1 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
6W,Ultra wide input, isolated & regulated dual/single
output, YMD package, DC-DC converter
Patent Protection RoHS
FEATURES
Wide range of input voltage (4:1)
Efficiency up to 88%
No-load power consumption as low as 0.2W
Isolation voltage :1500VDC
Operating temperature range: -40℃ to +85℃
Input
under-voltage
protection,
output
over-voltage, over-current, short circuit protection
Meet CISPR22/EN55022 CLASS A
International standard pin-out
A2S (wring mounting) and A4S (35mm rail
mounting)
products
featuring
anti-reverse
connection for input
URA_YMD-6WR3 & URB_YMD-6WR3 series products are of 6W output power, extremely wide range of voltage input of 9-36VDC, 18-75VDC,
isolation voltage of 1500VDC, output over-voltage protection and output short circuit protection with the bare component in compliance
with CISPR22/EN55022 CLASS A; these products are widely used in fields such as Medical care, industrial control, electric power, instruments
and communication.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Min./Typ.)
@Full Load
Max. Capacitive
Load
(μF)
Nominal
(Range)
Max.
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
URA2405YMD-6WR3
24
(9-36)
40
±5
±600/±30
81/83
470
URA2412YMD-6WR3
±12
±250/±12
85/87
100
URA2415YMD-6WR3
±15
±200/±10
86/88
100
URA2424YMD-6WR3
±24
±125/±6
86/88
100
URB2403YMD-6WR3
3.3
1500/75
77/79
1800
URB2405YMD-6WR3
5
1200/60
81/83
1000
URB2409YMD-6WR3
9
667/33
83/85
680
URB2412YMD-6WR3
12
500/25
85/87
470
URB2415YMD-6WR3
15
400/20
86/88
220
URB2424YMD-6WR3
24
250/13
86/88
100
URA4805YMD-6WR3
48
(18-75)
80
±5
±600/±30
81/83
470
URA4812YMD-6WR3
±12
±250/±12
85/87
100
URA4815YMD-6WR3
±15
±200/±10
86/88
100
URA4824YMD-6WR3
±24
±125/±6
86/88
100
URB4803YMD-6WR3
3.3
1500/75
77/79
1800
URB4805YMD-6WR3
5
1200/60
81/83
1000
URB4812YMD-6WR3
12
500/25
85/87
470
URB4815YMD-6WR3
15
400/20
86/88
220
URB4824YMD-6WR3
24
250/13
86/88
100
Notes:
1
Part No. with suffix of “A2S” means chassis mounting and suffix of “A4S” means DIN-Rail mounting (e.g. URB2405YMD-6WR3A2S means chassis mounting;
URB2405YMD-6WR3A4S means DIN-Rail mounting);
2
Absolute maximum rating without damage on the converter, but it isn't recommended;
3
Efficiency is measured In nominal input voltage and rated output load;A2S (wiring) and A4S (rail) Model due to input reverse polarity protection, minimum
efficiency greater than Min.-2 is qualified.
4
The capacitive loads of positive and negative outputs are identical.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - URA2405YMD-6WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3 Datasheet
1Mb / 6P
   DC/DC Power Supply Module
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3_15 Datasheet
1Mb / 6P
   DC/DC Power Supply Module
More results

Similar Description - URA2405YMD-6WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URH2405P-6WR3 MORNSUN-URH2405P-6WR3_15 Datasheet
263Kb / 4P
   DC/DC Power Supply Module
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3_15 Datasheet
1Mb / 6P
   DC/DC Power Supply Module
logo
STMicroelectronics
SPAC265-8W STMICROELECTRONICS-SPAC265-8W Datasheet
225Kb / 9P
   AC-DC power supply module
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
   DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
   DC/DC Power Supply
logo
Wall Industries,Inc.
DCUPH6 WALL-DCUPH6 Datasheet
437Kb / 5P
   6 Watts DC/DC Power Supply Module Single Output
logo
Shanghai Leiditech Elec...
AP2305GN LEIDITECH-AP2305GN Datasheet
563Kb / 3P
   Power Supply DC-DC Converters
logo
XFMRS Inc.
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
   DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
   DC POWER SUPPLY
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
   DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com