Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB4812LD-15WR2 Datasheet(PDF) 9 Page - MORNSUN Science& Technology Ltd.

Part # URB4812LD-15WR2
Description  DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB4812LD-15WR2 Datasheet(HTML) 9 Page - MORNSUN Science& Technology Ltd.

  URB4812LD-15WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB4812LD-15WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB4812LD-15WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB4812LD-15WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB4812LD-15WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB4812LD-15WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URB4812LD-15WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URB4812LD-15WR2 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. URB4812LD-15WR2 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URA_LD-15WR2 & URB_LD-15WR2
2013.11.29-A/3
Page 9of9
Note:
1. Min. load shouldn't be less than 5%, otherwise ripple maybe increase dramatically. Operation under minimum load will not damage the converter,
however, they may not meet all specification listed.
2. Recommended Dual output models unbalanced load: ≤
±5%, If the product operates>±5%, it may not be guaranteed to meet all specification
Listed, please contact our technical person for more detail.
3. Max. Capacitive Load tested at nominal input voltage and constant resistive load.
4. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
5. In this datasheet, all the test methods of indications are based on our corporate standards.
6. All characteristics are for listed model, non-standard models may perform differently, please contact our technical person for more detail.
7. Contact us for your specific requirement.
8. Specifications subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com
(Table 1)
Vo
Parameter
3.3(VDC)
5(VDC)
12(VDC)
15(VDC)
24 (VDC)
R1(K
Ω)
4.801
2.883
10.971
14.497
24.872
R2(K
Ω)
2.863
2.864
2.864
2.864
2.863
R3(K
Ω)
15
10
17.8
17.8
20
Vref(V)
1.24
2.5
2.5
2.5
2.5
DESIGN CONSIDERATIONS
①Recommended circuit
All the URA_LD-15WR2&URB_LD-15WR2 Series have been tested according to the following recommended testing circuit before leaving
factory. This series should be tested under load. Never be tested under no load (see Figure 4).
If you want to further decrease the input surge voltage and the output ripple, you can increase a capacitance properly or choose capacitors with
low ESR .It should also be noted that the capacitance of filter capacitor must be proper. If the capacitance is too big, a startup problem might arise.
For every channel of output, provided the safe and reliable operation is ensured, the recommended capacitance of its filter capacitor sees (Table 2).
DC
DC
Vin
GND
+Vo
0V
Cin
Co ut
Vin
GND
+Vo
0V
Cin
Cout
DC
DC
-Vo
Co ut
Dual Output
Singl e Output
(Figure4)
EXTERNAL CAPACITOR TABLE
(Table 2)
Note: # For each output.
②It is not recommended to increase the output power capability by connecting two or more converters in parallel. The product is not
hot-swappable.
Single
Vout
(VDC)
Cout
(
µF)
Cin
(
µF)
Dual
Vout
(VDC)
Cout#
(
µF)
Cin
(
µF)
3.3/5
470
100
±5
220
100
12/15
220
±12/±15
100
24
100
--
--


Similar Part No. - URB4812LD-15WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4812LD-15W MORNSUN-URB4812LD-15W Datasheet
441Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - URB4812LD-15WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com