Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URA4805YMD-6WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URA4805YMD-6WR2
Description  REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URA4805YMD-6WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URA4805YMD-6WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URA4805YMD-6WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URA4805YMD-6WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URA4805YMD-6WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URA4805YMD-6WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URA4805YMD-6WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URA_YMD-6WR2 & URB_YMD-6WR2
2013.12.02-B/0
Page 1 of 6
FEATURES
● 4:1 wide input voltage range
● Efficiency up to 88%
● 1.5KVDC isolation
● Short circuit protection
● Output over voltage protection
● Operating Temperature range:
-40
°C ~ +85°C
● Industry standard pinout
● Low ripple & noise
● Meet CISPR22/EN55022 CLASSA
● Inverse polarity protection for A2S ( chassis
mounting)and A4S(DIN-Rail mounting)
● Meet EN60950
APPLICATION
URA_YMD-6WR2&URB_YMD-6WR2
series
models
provide
6 Watt output power, with 4:1
wide range
of
9-36VDC,18-75VDC,output
over-voltage
and
short-circuit
protection. And all of them can meet CISPR22/EN55022
CLASSA without external circuit. Typical applications for these
converters
are
industrial,
electric
power,
instrumentation,
telecommunication.
URA_YMD-6WR2&
URB_YMD-6WR2 Series
6W,ULTRA-WIDE INPUT ISOLATED&
REGULATED DUAL/SINGLE OUTPUT
DIP PACKAGING, DC-DC CONVERTER
Patent Protected RoHS
PART NUMBER SYSTEM
URB2405YMD-6WR2
Rated Power
Package Style
Output Voltage
Input Voltage
Product Series
SELECTION GUIDE
Model
Input Voltage(VDC)
Output
Voltage
(VDC)
Output Current (mA)
Input Current
(mA)(Typ.)
Reflected
Ripple
Current
(mA,Typ.)
Max.
Capacitive
Load
(
µF)
Efficiency
(%, Typ.)
@Max.
Load
Approval
Nominal
(Range)
Max.
Max.
Min.
@Max.
Load
@No
Load
URA2405YMD-6WR2
24
(9-36)
40
±5
±600
±30
301
7
20
470
83
URA2412 YMD-6WR2
±12
±250
±12
287
100
87
URA2415 YMD-6WR2
±15
±200
±10
284
100
88
URB2403YMD-6WR2
3.3
1500
75
261
1800
79
CE
URB2405YMD-6WR2
5
1200
60
301
1000
83
URB2409YMD-6WR2
9
667
33
291
470
85
URB2412YMD-6WR2
12
500
25
287
100
87
URB2415YMD-6WR2
15
400
20
284
100
88
URB2424YMD-6WR2
24
250
12
284
47
88
URA4805YMD-6WR2
48
(18-75)
80
±5
±600
±30
151
3
470
83
URA4812YMD-6WR2
±12
±250
±12
143
100
87
URA4815YMD-6WR2
±15
±200
±10
142
100
88
URB4803YMD-6WR2
3.3
1500
75
130
1800
79
CE
URB4805YMD-6WR2
5
1200
60
151
1000
83
URB4812YMD-6WR2
12
500
25
143
100
87
URB4815YMD-6WR2
15
400
20
142
100
88
URB4824YMD-6WR2
24
250
12
142
47
88
Note:① Series with suffix "A2S" are chassis mounting, with suffix "A4S" are DIN-Rail mounting, for example URB2405YMD-6WR2A2S is chassis mounting,
URB2405YMD-6WR2A4S is DIN-Rail mounting.
②Absolute maximum rating without damage on the converter,but it isn't recommended.
③For dual output converter, the given value is the same for each output.
④The efficiency of "A2S" and "A4S" is approx. 2% lower for the protection of inverse polarity.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Input Surge Voltage (1Sec. max.)
24VDC input
-0.7
--
50
VDC
48VDC input
-0.7
--
100


Similar Part No. - URA4805YMD-6WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA4805YMD-6WR3 MORNSUN-URA4805YMD-6WR3 Datasheet
339Kb / 6P
   DC/DC Power Supply Module
URA4805YMD-6WR3 MORNSUN-URA4805YMD-6WR3 Datasheet
1Mb / 6P
   DC/DC Power Supply Module
More results

Similar Description - URA4805YMD-6WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405LD-15WR2 MORNSUN-URA2405LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com