Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URA4815(X)D-10WR2 Datasheet(PDF) 6 Page - MORNSUN Science& Technology Ltd.

Part # URA4815(X)D-10WR2
Description  REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URA4815(X)D-10WR2 Datasheet(HTML) 6 Page - MORNSUN Science& Technology Ltd.

  URA4815(X)D-10WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URA4815(X)D-10WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URA4815(X)D-10WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URA4815(X)D-10WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URA4815(X)D-10WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URA4815(X)D-10WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URA4815(X)D-10WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URA_(X)D-10WR2 & URB_(X)D-10WR2
2013.05.21-A/4
Page 6 of 7
URA_(X)D-10WR2A2S& URB_(X)D-10WR2A2S CHASSIS MOUNTING OUTLINE DIMENSIONS
*URA/B_XD-10WR2A2S series have no connection
Footprint Details
Pin
1*
2
3
4
5
6
URA_(X)D
Ctrl
GND
Vin
-Vo
0V
+Vo
URB_(X)D
Ctrl
GND
Vin
0V
NC
+Vo
URA_(X)D-10WR2A4S& URB_(X)D-10WR2A4S DIN-RAIL MOUNTING OUTLINE DIMENSIONS
DIN-rail modules are fitting to TS35 rails
*URA/B_XD-10WR2A4S series have no connection
Footprint Details
Pin
1*
2
3
4
5
6
URA_(X)D
Ctrl
GND
Vin
-Vo
0V
+Vo
URB_(X)D
Ctrl
GND
Vin
0V
NC
+Vo
PACKAGE DIAGRAM
PCB mounting Series
Special Package Series(A2S/A4S)
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate the source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)


Similar Part No. - URA4815(X)D-10WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA4815(X)D-10WR2 MORNSUN-URA4815(X)D-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUTDIP PACKAGING, DC-DC CONVERTER
More results

Similar Description - URA4815(X)D-10WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405LD-15WR2 MORNSUN-URA2405LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com