Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB1D12YMD-6W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # URB1D12YMD-6W
Description   SINGLE OUTPUT DIP PACKAGINGDC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB1D12YMD-6W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  URB1D12YMD-6W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB1D12YMD-6W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB1D12YMD-6W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB1D12YMD-6W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URB1D_YMD-6W
2013.11.07-A/1
Page 2 of4
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Tested for 1 minute and leakage current less than 1 mA
1500
--
--
VDC
Isolation Resistance
Test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input/Output,100KHz/0.1V
--
1000
--
pF
Switching Frequency
PWM mode
--
300
--
KHz
MTBF
MIL-HDBK-217F@25℃
1000
--
--
K hours
Safety approvals
EN60950
Case Material
Aluminum Alloy
Size
25.40×25.40×11.70
mm
Weight
--
14
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
5
--
95
%
Operating Temperature
Power derating (above 71℃,see Figure 3)
-40
--
85
°C
Storage Temperature
-55
--
125
Temp. rise at full load
Ta=25
°C
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
Cooling
Free air convection
Shake
5-150Hz, shift range: 7.5mm, acceleration: 2G
SAFE & EMC SPECIFICATIONS
Safe
Transient Input Voltage
RIA12
385V / 20ms
perf. CriteriaA(Pulse Interval > 60s)
(With MORNSUN
’s FC-C01D Module, Refer to Figure 1)
Maximum Input Voltage
EN50155
1800V(5/50
µs,5Ωor100Ω) perf. CriteriaB(Pulse Interval > 60s)
(With MORNSUN
’s FC-C01D Module, Refer to Figure 1)
EN50155
8400V((0.05/0.1
µs, 100Ω)
perf. CriteriaB(Pulse Interval > 60s)
(With MORNSUN
’s FC-C01D Module, Refer to Figure 1)
EMI
CE
CISPR22/EN55022
CLASS B(With MORNSUN
’s FC-C01D Module, Refer to Figure 1)
RE
CISPR22/EN55022
CLASS B(With MORNSUN
’s FC-C01D Module, Refer to Figure 1)
EMS
ESD
IEC/EN61000-4-2
Contact
±6KV
perf. CriteriaB
RS
IEC/EN61000-4-3
10V/m
perf. CriteriaA
EFT
IEC/EN61000-4-4
±4KV
perf. Criteria B(With MORNSUN
’s FC-C01D Module, Refer to Figure 1)
Surge
IEC/EN61000-4-5
±2KV/±4KV perf. Criteria B(With MORNSUN’s FC-C01D Module, Refer to Figure 1)
CS
IEC/EN61000-4-6
3Vr.m.s
perf. CriteriaA
Voltage dips、short and
interruptions immunity
IEC/EN61000-4-29
0%-70%
perf. CriteriaB
EMC MODULE APPLICATION CIRCUIT
+Vin
-Vin
F C-C01D
DC -DC
C ON V ERTER
+Vo
0V
+Vo
-Vo
F USE
+
C0
CY1
CY2
FC-C01D
’s input voltage range: 40V-160V
(Figure 1)
FUSE: Choose according to customer actual input current;
C0: Recommend to use 100uF/200V electrolytic capacitor; It is used to suppress voltage dips, is not designed without requirement of the application;
CY1\CY2:1nF /2KV.
EMC MODULE RECOMMENDED CIRCUIT PCB LAYOUT
(Figure 2)


Similar Part No. - URB1D12YMD-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB1D12YMD-6W MORNSUN-URB1D12YMD-6W Datasheet
1Mb / 5P
   DC-DC converter
URB1D12YMD-6WR3 MORNSUN-URB1D12YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
URB1D12YMD-6WR3 MORNSUN-URB1D12YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
More results

Similar Description - URB1D12YMD-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
MSA0505MD-3W MORNSUN-MSA0505MD-3W Datasheet
101Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30WR2 MORNSUN-URA2405D-30WR2 Datasheet
1Mb / 7P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com