Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB1D24LD-15W Datasheet(PDF) 8 Page - MORNSUN Science& Technology Ltd.

Part # URB1D24LD-15W
Description  REGULATED SINGLE OUTPUT DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB1D24LD-15W Datasheet(HTML) 8 Page - MORNSUN Science& Technology Ltd.

  URB1D24LD-15W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB1D24LD-15W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB1D24LD-15W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB1D24LD-15W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB1D24LD-15W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB1D24LD-15W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URB1D24LD-15W Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URB1D24LD-15W Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URB1D_LD-15W & URB1D_LD-20W
2013.11.14-A/1
Page 8 of8
Note:
1. Min. load shouldn't be less than 5%, otherwise ripple maybe increased dramatically, If the product operates under min. load, it may not be
guaranteed to meet all specifications listed. Operation under minimum load will not damage the converter.
2. Max. Capacitive Load is tested at input voltage range and full load.
3. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
4. In this datasheet, all test methods are based on our corporate standards.
5. All characteristics are for listed models, and non-standard models may perform differently. Please contact our technical support for more details.
6. Please contact our technical support for any specific requirement.
7. Specifications of this product are subject to changes without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com
DESIGN CONSIDERATIONS
1) Recommended circuit
All the URB1D_LD-15W &URB1D_LD-20W Series have been tested according to the following recommended testing circuit before leaving factory
(see Figure 4).
If you want to further decrease the input/output ripple, you can increasea capacitance properly or choose capacitors with low ESR, but the
greatest capacitance of its filter capacitor must less than the Max. Capacitive Load. The recommended capacitance of its filter capacitor sees
(Table 2).
DC
DC
Vin
GND
+Vo
0V
Cin
Cout
(Figure 4)
EXTERNAL CAPACITOR TABLE (Table 2)
2) It is not recommended to increase the output power capability by connecting two or more converters in parallel.The product is not hot-
swappable
Capacitance
Output
Voltage
Cout(
µF)
Cin(
µF)
3.3V/5V
470
100
12/15V
220
24V
100


Similar Part No. - URB1D24LD-15W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB1D24LD-15W MORNSUN-URB1D24LD-15W Datasheet
4Mb / 8P
   DC/DC Converter
More results

Similar Description - URB1D24LD-15W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF2405LP-20W MORNSUN-URF2405LP-20W Datasheet
1Mb / 6P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
SCW08 MEANWELL-SCW08 Datasheet
372Kb / 1P
   8W DC-DC Regulated Single Output Converter
SRS MEANWELL-SRS_10 Datasheet
161Kb / 1P
   0.5W DC-DC Regulated Single Output Converter
SKM15 MEANWELL-SKM15 Datasheet
191Kb / 1P
   15W DC-DC Regulated Single Output Converter
SKA40 MEANWELL-SKA40 Datasheet
214Kb / 1P
   40W DC-DC Regulated Single Output Converter
SPA02 MEANWELL-SPA02_11 Datasheet
249Kb / 1P
   2W DC-DC Regulated Single Output Converter
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
   3W DC-DC Regulated Single Output Converter
SCW05-SPEC MEANWELL-SCW05-SPEC Datasheet
160Kb / 1P
   5W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03 Datasheet
195Kb / 1P
   3W DC-DC Regulated Single Output Converter
SKM30 MEANWELL-SKM30_12 Datasheet
197Kb / 1P
   30W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com