Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB1D15YMD-6W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URB1D15YMD-6W
Description   SINGLE OUTPUT DIP PACKAGINGDC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB1D15YMD-6W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URB1D15YMD-6W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB1D15YMD-6W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB1D15YMD-6W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB1D15YMD-6W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URB1D_YMD-6W
2013.11.07-A/1
Page 1 of4
FEATURES
● Efficiency up to 85%
● 4:1 wide input voltage range
● 1.5KVDC isolation
● Operating temperature range:
-40
°C~ +85°C
● Output over voltage protection,short circuit
protection
● Industry standard pinout
● Low ripple & noise
● Meet EN60950
APPLICATION
The URB1D_YMD-6W series offer 6W of output, with
4:1 wide input voltage of 40-160VDC .It is suitable for 72 V,
96 V, 110 V standard input of the bus voltage,single output
and 1500VDC isolation, over voltage and short-circuit
protection.It offers good EMC performance,meet EN60950
standards.All models are particularly suited to railway etc.c
URB1D_YMD-6W SERIES
6W,ULTRA WIDE INPUT, ISOLATED & REGULATED
SINGLE OUTPUT DIP PACKAGING DC-DC CONVERTER
Patent Protection
RoHS
PART NUMBER SYSTEM
URB1D15YMD-6W
Rated Power
Package Style
Output Voltage
Input Voltage
Product Series
SELECTION GUIDE
Approval
Model
Input
Voltage(VDC)
Output
Voltage
(VDC)
Output Current (mA)
Input Current (mA)(typ.)
Reflected
Ripple
Current
(mA,typ.)
Max.
Capacitive
Load(
µF)
Efficiency
(%, typ.)
@Max. Load
Nominal
(Range)
Max.*
Max.
Min.
@Max.
Load
@No
Load
CE
URB1D05YMD-6W
110
(40-160)
170
5
1200
60
67
2
20
1000
81
URB1D12YMD-6W
12
500
25
65
100
83
URB1D15YMD-6W
15
400
20
64
100
85
URB1D24YMD-6W
24
250
13
64
47
85
Note: *Input voltage can
’t exceed this value, or will cause the permanent damage.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Input Surge Voltage (1sec.max.)
-0.7
--
180
VDC
Start-up Voltage
--
--
40
Input Filter
Pi Filter
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±1
±2
%
Line Regulation
Full load, Input voltage from low to high
--
±0.2
±0.5
Load Regulation
5% to 100% load
--
±0.5
±1
Transient Recovery Time
25% load step change
--
300
1000
µs
Transient Response Deviation
_
±3
±5
%
Temperature Drift
100% load
--
--
±0.03
%/
°C
Ripple*
20MHz bandwidth
--
10
25
mVp-p
Noise*
70
100
Output Over Voltage Protection
Input voltage range
110-140
%Vo
Output Short Circuit Protection
Continuous, automatic recovery
Note: * Ripple and noise tested by
“parallel cable” method. See detailed operation instructions at Testing of Power Converter section, application notes.


Similar Part No. - URB1D15YMD-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB1D15YMD-6W MORNSUN-URB1D15YMD-6W Datasheet
1Mb / 5P
   DC-DC converter
URB1D15YMD-6WR3 MORNSUN-URB1D15YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
URB1D15YMD-6WR3 MORNSUN-URB1D15YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
More results

Similar Description - URB1D15YMD-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
MSA0505MD-3W MORNSUN-MSA0505MD-3W Datasheet
101Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30WR2 MORNSUN-URA2405D-30WR2 Datasheet
1Mb / 7P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com