Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB2415YMD-10WR3 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # URB2415YMD-10WR3
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB2415YMD-10WR3 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  URB2415YMD-10WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB2415YMD-10WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB2415YMD-10WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB2415YMD-10WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB2415YMD-10WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB2415YMD-10WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
URA_YMD-10WR3 & URB_YMD-10WR3 Series
2014.06.23-A/0
Page 3 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Note:*This series of products with reduced frequency technology,The switching frequency of the full test, when the load is light, the switching frequency decline.
Physical Specifications
Casing Material
Aluminum alloy
Package Dimensions
Horizontal package
25.40*25.40*11.70 mm
A2S chassis mounting
76.00*31.50*21.20 mm
A4S DIN-rail mounting
76.00*31.50*25.80 mm
Weight
Horizontal package/A2S wiring package/A4S rail package
15.00g/35.00g/55.00g (Typ.)
Cooling method
Free air convection
EMC Specifications
EMI
Conducted disturbance
CISPR22/EN55022 CLASS A (Bare component)/
CLASS B (see Fig.3-② for recommended circuit)
Radiated emission
CISPR22/EN55022 CLASS A (Bare component)/
CLASS B (see Fig.3-② for recommended circuit)
EMS
Electrostatic discharge
IEC/EN61000-4-2
Contact ±4KV
perf. Criteria B
Radiation immunity
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV (see Fig.3-① for recommended circuit)
perf. Criteria B
Surge immunity
IEC/EN61000-4-5
±2KV (see Fig.3-①for recommended circuit)
perf. Criteria B
Conducted disturbance immunity
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
Immunities of voltage dip,
drop and short interruption
IEC/EN61000-4-29 0-70%
perf. Criteria B
Product Characteristic Curve
Operating Temperature( )
Temperatu re D erating Cur ve
0
20
40
60
80
100
120
-40040
85
120
71
65
Others Output
3.3V,5V,
Output
±5V
Safe Operating Area
Fig. 1
URA4815YMD-
10WR3
70
75
80
85
90
95
100
18
24
30
36
42
48
54
60
66
75
Input Voltage (V)
Efficiency Vs Input Voltage (Full Load)
URA4815YMD-
10WR3
50
55
60
65
70
75
80
85
90
95
100
5
102030405060708090 100
Output Current Percentage (%)
Efficiency Vs Output Load(Vin=Vin-nominal)
URB2405YMD-
10WR3
50
55
60
65
70
75
80
85
90
95
100
9
121518212427303336
Input Voltage (V)
Efficiency Vs Input Voltage (Full Load)
URB2405YMD-
10WR3
50
55
60
65
70
75
80
85
90
95
100
5
102030405060708090 100
Output Current Percentage (%)
Efficiency Vs Output Load(Vin=Vin-nominal)


Similar Part No. - URB2415YMD-10WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB2415YMD-10WR3 MORNSUN-URB2415YMD-10WR3 Datasheet
1Mb / 6P
   DC/DC Converter
More results

Similar Description - URB2415YMD-10WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com