Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB2403LD-3000 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URB2403LD-3000
Description  3A CONSTANT CURRENT,WIDE INPUT ISOLATED SINGLE OUTPUT DC-CC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB2403LD-3000 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URB2403LD-3000 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB2403LD-3000 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB2403LD-3000 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
URB2403LD-3000
2013.06.05-A/1
Page 1 of3
RoHS
URB2403LD-3000
3A CONSTANT CURRENT,WIDE INPUT ISOLATED
SINGLE OUTPUT
DC-CC CONVERTER
FEATURES
PRODUCT PROGRAM
● Wide input voltage range(4:1)
● 1500VDC isolation
● Six-sided metal shield
● Output short circuit protection
● Operating temperature:-40℃~+71℃
● Internal SMD construction
● Industry standard pinout
● MTBF>1,000,000 hours
APPLICATIONS
URB2403LD-3000 offer 3A constant
current, wide input voltage: 9-36VDC,
and features 1500VDC isolation, six-
sided
metal
shield,
under
Voltage
Lockout protection and over voltage and
short circuit protection. All models are
particularly suited to auxiliary electric
vehicle charging power supply.
MODEL SELECTION
URB2403LD-3000
Output current
ackage St yle
P
Output Volt age
Input Voltage
Product Series
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com
Part
Number
Input
Output
Efficiency
(%)(typ.)
Voltage(VDC)
Voltage
(VDC)
Current
(mA)
Nominal
Range
Max(1)
URB2403LD-3000
24
9-36
40
3.3
3000
72
INPUT SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
Under Voltage Lockout
Models ON
--
--
9
VDC
Models OFF
8
--
--
Input Filter
L-C
Ctrl(2)
Models ON
Refer to:
GND
3-40VDC or Open
Models OFF
0-1.2VDC or Short
Input current
(Models OFF)
--
--
1
mA
No-load power
Input current
--
--
0.5
W
OUTPUT SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
Output power
1
--
10
W
Output current
constant current output
--
3
--
A
Output voltage accuracy
Refer to recommended circuit
--
±3
±5
%
Output current accuracy
--
±5
--
Line regulation
Input voltage range,
output constant voltage
--
±0.2
±0.5
Ripple +Noise
20MHz bandwidth
--
--
120
mV
Transient recovery time
25%~50%~25% load range or
50%~75%~50% load range
--
--
500
μs
Transient peak deviation
--
--
±6
%
Short circuit protection
Full input voltage
Continuous, automatic recovery
Over voltage protection
3.3V output
--
3.6
--
VDC
Temperature Drift (Vout)
Refer to recommended circuit
--
±0.02
--
%/℃
Trim
Adjusted within the range of the
over-voltage protection
--
--
3.6
VDC


Similar Part No. - URB2403LD-3000

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB2403LD-30WR3 MORNSUN-URB2403LD-30WR3 Datasheet
3Mb / 8P
   DC/DC converter
URB2403LD-30WR3 MORNSUN-URB2403LD-30WR3_15 Datasheet
3Mb / 8P
   DC/DC converter
More results

Similar Description - URB2403LD-3000

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB24C4LD-2A MORNSUN-URB24C4LD-2A Datasheet
1Mb / 4P
   2A constant current isolated DC-DC converter with Ultra-wide Input and Regulated Single Output
logo
GAPTEC Electronic GmbH ...
1T8W GAPTEC-1T8W Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
VRB2412LD-40WHR3 MORNSUN-VRB2412LD-40WHR3 Datasheet
825Kb / 5P
   40W, Wide input, isolated & regulated single output DC/DC converter
logo
Microdc power Technolog...
WRB0505YES-1W MICRODC-WRB0505YES-1W Datasheet
1Mb / 3P
   Wide Input,Isolated&Regulated Single Output SIP12 DC-DC Converter
logo
GAPTEC Electronic GmbH ...
75QBW4 GAPTEC-75QBW4 Datasheet
3Mb / 7P
   75W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
1D8W GAPTEC-1D8W Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
URB2403LD-20W MORNSUN-URB2403LD-20W Datasheet
424Kb / 3P
   ULTRA WIDE INPUT , ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30WR3 MORNSUN-VRB2403LD-30WR3 Datasheet
2Mb / 8P
   30W, Wide input, isolated & regulated single output DC/DC converter
logo
GAPTEC Electronic GmbH ...
3D8W GAPTEC-3D8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
75HBW4 GAPTEC-75HBW4 Datasheet
684Kb / 2P
   75W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com