Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URA4812YMD-10WR3 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # URA4812YMD-10WR3
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URA4812YMD-10WR3 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  URA4812YMD-10WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URA4812YMD-10WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URA4812YMD-10WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URA4812YMD-10WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URA4812YMD-10WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URA4812YMD-10WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DC/DC Converter
URA_YMD-10WR3 & URB_YMD-10WR3 Series
2014.06.23-A/0
Page 4 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Design Reference
1. Typical application
All the DC/DC converters of this series are tested according to the recommended circuit (see Fig. 2) before delivery.
If it is required to further reduce input and output ripple, properly increase the input & output of additional capacitors Cin and Cout or
select capacitors of low equivalent impedance provided that the capacitance is no larger than the max. capacitive load of the product.
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Cout
-Vo
Dual Output
Single Output
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Fig. 2
Vin
24V
48V
Cin1
100μF10μF~47μF
Cout
10μF
2. EMC solution-recommended circuit
LDM1
C0
MOV
FUSE
C1
V in
GND
+
Vin
GND
+Vo
-Vo
(0V)
DC/DC
CY1
CY2
C2
LOAD
Fig. 3
Notes: Part ① in the Fig. 3 is used for EMS test and part ② for EMI filtering;
selected based on needs.
Parameter description:
Model
Vin:24V
Vin:48V
FUSE
Choose according to actual input current
MOV
S14K35
S14K60
C0
330μF/50V
330μF/100V
C1
1μF/50V
1μF/100V
C2
Refer to the Cout in Fig.2
LDM1
4.7μH
CY1
1nF/2KV
CY2
1nF/2KV
EMC solution-recommended circuit PCB layout
Fig. 4
Note: the min. distance of the bonding pads between input & output isolation capacitors (CY1/CY2) shall be ≥ 2mm.
3. The product does not support output in parallel with power per liter or hot-plug use
4. For more information please find the application notes on www.mornsun-power.com


Similar Part No. - URA4812YMD-10WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA4812YMD-10WR3 MORNSUN-URA4812YMD-10WR3 Datasheet
1Mb / 6P
   DC/DC Converter
More results

Similar Description - URA4812YMD-10WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com