Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB4824(X)D-10WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # URB4824(X)D-10WR2
Description  REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB4824(X)D-10WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  URB4824(X)D-10WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB4824(X)D-10WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB4824(X)D-10WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB4824(X)D-10WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB4824(X)D-10WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB4824(X)D-10WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URB4824(X)D-10WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URA_(X)D-10WR2 & URB_(X)D-10WR2
2013.05.21-A/4
Page 3 of 7
EMC SPECIFICATIONS
CE
CISPR22/EN55022
CLASS A(Without External Circuit)/ CLASS B(External Circuit Refer to Figure1-② or Figure 3)
EMI
RE
CISPR22/EN55022
CLASS A(Without External Circuit)/ CLASS B(External Circuit Refer to Figure1-② or Figure 3)
ESD
IEC/EN61000-4-2
Contact
±4KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
IEC/EN61000-4-4
±2KV
perf. Criteria B(External Circuit Refer to Figure1-①)
EFT
IEC/EN61000-4-4
±4KV
perf. Criteria B(External Circuit Refer to Figure 3)
EMS
Surge
IEC/EN61000-4-5
±2KV
perf. Criteria B(External Circuit Refer to Figure1-①or Figure 3)
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
EMS
Voltage dips, short
and interruptions
immunity
IEC/EN61000-4-29
0%-70%
perf. Criteria B
EMC RECOMMENDED CIRCUIT
LDM2
C0
TVS
LDM1
MOV
FUSE
C1
V in
GND
+
Vin
GND
+Vo
- Vo
(0V)
EUT
LOAD
CY2
CY1
(Figure1)
Recommended external circuit param eters:
Model
Vin:24V
Vin:48V
FUSE
Choose according to actual input current
MOV
S14K35
S14K60
LDM1
56
μH
TVS
SMCJ48A
SMCJ90A
C0
330
μF/50V
330
μF/100V
C1
1
μF/50V
1
μF/100V
LDM2
4.7
μH
CY1
1nF /2KV
CY2
1nF /2KV
Note: In Figure 1,part
is EMS recommended external circuit, part
is EMI recommended external circuit. Choose according to requirements.
①②
EMC RECOMMENDED CIRCUIT PCB LAYOUT
DUAL
SINGLE
Note: The pad space between input and output (CY1/CY2) must
≥2mm.
(Figure 2)


Similar Part No. - URB4824(X)D-10WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4824(X)D-10WR2 MORNSUN-URB4824(X)D-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUTDIP PACKAGING, DC-DC CONVERTER
More results

Similar Description - URB4824(X)D-10WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405LD-15WR2 MORNSUN-URA2405LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com