Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB4812ZP-6WR2 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # URB4812ZP-6WR2
Description  DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB4812ZP-6WR2 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  URB4812ZP-6WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB4812ZP-6WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB4812ZP-6WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB4812ZP-6WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB4812ZP-6WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URA_ZP-6WR2 & URB_ZP-6WR2
A/1-2013 Page 5 of 5
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)
DESIGN CONSIDERATIONS
1) Recommended circuit
All the URA_ZP-6WR2 & URB_ZP-6WR2 Series have been tested according to the following recommended testing circuit before leaving factory
(see Figure 5).
If you want to further decrease the output ripple, you can increase a capacitance properly or choose capacitors with low ESR, but the greatest
capacitance of its filter capacitor must less than the Max. Capacitive Load.
Cin:
12V
100
μF
24V&48V
10
μF~47μF
Cout: 10
μF
DC
DC
Vin
GND
+Vo
0V
C in
Vin
GND
+Vo
0V
C in
DC
DC
-Vo
Dual Output
Single Output
(Figure 5)
2) Cannot use in parallel and hot swap
Note:
1.Min. load shouldn't be less than 5%, otherwise ripple maybe increased dramatically, If the product operate under min. load, it may not be
guaranteed to meet all specification listed. Operation under minimum load will not damage the converter.
2.Recommended Dual output models unbalanced load:≤
±5%, If the product operate >±5%, it may not be guaranteed to meet all specification
Listed, please contact our technical person for more detail.
3. Max. Capacitive Load is tested at nominal input voltage and full load.
4. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
5. In this datasheet, all the test methods of indications are based on our corporate standards.
6. All characteristics are for listed model, non-standard models may perform differently, please contact our technical person for more detail.
7. Contact us for your specific requirement.
8. Specifications of this product are subject to changes without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - URB4812ZP-6WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4812ZP-6WR3 MORNSUN-URB4812ZP-6WR3 Datasheet
2Mb / 5P
   6W,Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
More results

Similar Description - URB4812ZP-6WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405LD-15WR2 MORNSUN-URA2405LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com