Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB4815LD-15W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # URB4815LD-15W
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB4815LD-15W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  URB4815LD-15W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB4815LD-15W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB4815LD-15W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
URB_LD-15W
2013.05.31-A/4
Page 2 of 3
COMMON SPECIFICATIONS
RECOMMENDED CIRCUIT
Item
Test conditions
Min.
Typ.
Max.
Units
Operating temperature
-40
--
85
Storage temperature
-55
--
125
°C
Storage humidity
5
--
95
%
Cooling
Free Air Convection
Maximum Case temp. On working temperature
--
--
105
Lead temperature
1.5mm from case for 10 seconds
--
--
300
°C
Isolation voltage
Tested for 1 minute and 1mA max
1500
--
--
VDC
Isolation resistance
Test at 500VDC
1000
--
--
M
Ω
Isolation capacitance
100kHz /0.1V
--
1000
--
pF
Switching frequency
Nominal, full load
--
300
--
kHz
MTBF
M1L-HDBK-217F
1000
--
--
k hours
Case material
Aluminum Alloy
Weight
--
28
--
g
1) Recommended circuit
Vin
G ND
+ Vo
0V
DC
DC
C in
C o ut
(Fig.1)
In order to obtain better performance for the
DC/DC models. It
’s recommended that use input
and output filters as Fig.1 shown.
2) Recommended capacitance
Capacitance
Output
voltage
Cout
Cin(24V,48V
input)
3.3V,5V
470
μF
12V,15V
220
μF
100
μF
3) No parallel connection or plug and play
TRIM APPLICATION & TRIM RESISTANCE
DERATING & EFFICIENCY CURVE
Application circuit for TRIM (Part in broken line is the interior of models)
0V
R2
R1
R3
Vref
RT
Trim
+Vo
0V
R2
R1
R3
Vref
RT
Trim
+Vo
Trim up
Trim down
Formula for resistance of Trim
up:
a=
Vref
Vo
’-Vref
R1
R=
T
aR2
R -a
2
-R3
down:
a=
Vref
Vo
’-Vref
R2
R=
T
aR1
R -a
1
-R3
Note: Value for R1, R2, R3, and Vref refer to the following table.
RT: Resistance of Trim
a: User-defined parameter, no actual meanings.
Vo
’: The trim up/down voltage
Vo
Resistance
3.3(VDC)
5(VDC)
12(VDC)
15(VDC)
R1(K
Ω)
4.80
2.88
10.97
14.50
R2(K
Ω)
2.86
2.86
2.86
2.86
R3(K
Ω)
15
10
17.8
17.8
Vref(V)
1.24
2.5
2.5
2.5
1) Temperature derating curve
(Output Voltage
≤ 5V)
Operating Temp(
)
C
(Output Voltage > 5V)
Operating Temp(
)
C
2) Efficiency VS nput voltage (Rated load)
URB2405LD-15W
Efficiency VS Input Voltage
70
72
74
76
78
80
82
84
86
88
90
9
12
15
18
21
24
27
30
33
36
Input Voltage (V)
η%
3) Efficiency VS output Load (Nominal input)
URB2405LD-15W
Efficiency VS Output load
0
10
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90 100
Output load %Io
η%


Similar Part No. - URB4815LD-15W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4815LD-15WR2 MORNSUN-URB4815LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results

Similar Description - URB4815LD-15W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com