Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URF2403LP-10WR3 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URF2403LP-10WR3
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF2403LP-10WR3 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URF2403LP-10WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF2403LP-10WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF2403LP-10WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF2403LP-10WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF2403LP-10WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC/DC Converter
URF_LP-10WR3 Series
2014.07.14-A/0
Page 1 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
10W,Ultra wide input isolated & regulated
DC-DC converter
Patent Protection RoHS
FEATURES
Wide range of input voltage (4:1)
Efficiency up to87%
No-load power consumption as low as 0.2W
Isolation voltage :3K VDC
Operating temperature range: -40℃ to +85℃
Input
under-voltage
protection,
output
over-voltage protection, short circuit protection,
output over-current protection
Meet CISPR22/EN55022 CLASS A
International standard pin-out
A2S (wring mounting) and A4S (TS35 rail mounting)
products featuring anti-reverse
connection for
input
URF_LP-10WR3 series products are of 10W output power, extremely wide range of voltage input of 9-36VDC, 18-75VDC, isolation voltage of
3000VDC, Input under-voltage protection, output over-voltage protection 、 output short circuit protection and output over-current
protection
with the bare component in compliance with CISPR22/EN55022 CLASS A; these products are widely used in fields such as
industrial control, electric power, instruments and communication.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency (%,Typ.)
@ Full Load
Max. Capacitive
Load(μF)
Nominal
(Range)
Max.
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
URF2403LP-10WR3
24
(9-36)
40
3.3
2400/120
77/79
5400
URF2405LP-10WR3
5
2000/100
80/82
5400
URF2409LP-10WR3
9
1111/56
83/85
680
URF2412LP-10WR3
12
833/42
84/86
470
URF2415LP-10WR3
15
667/33
85/87
330
URF2424LP-10WR3
24
416/21
85/87
100
URF4803LP-10WR3
48
(18-75)
80
3.3
2400/120
77/79
5400
URF4805LP-10WR3
5
2000/100
80/82
5400
URF4812LP-10WR3
12
833/42
84/86
470
URF4815LP-10WR3
15
667/33
85/87
330
URF4824LP-10WR3
24
416/21
85/87
100
Notes:
Part No. with suffix of “A2S” means chassis mounting and suffix of “A4S” means DIN-Rail mounting (e.g. URF2405LP-10WR3A2S means chassis mounting;
URF2405LP-10WR3A4S means DIN-Rail mounting);
Absolute maximum rating without damage on the converter, but it isn't recommended;
Efficiency is measured In nominal input voltage and rated output load;A2S (wiring) and A4S (rail) Model due to input reverse polarity protection, minimum
efficiency greater than Min.-2 is qualified.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
24VDC input
--
508/5
--
mA
48VDC input
--
254/4
--
Reflected Ripple Current
24VDC input
--
40--
48VDC input
--
30
--
Input impulse Voltage(1sec. max.)
24VDC input
-0.7
--
50
VDC
48VDC input
-0.7
--
100
Starting Voltage
24VDC input
--
--
9
48VDC input
--
--
18
Input under-voltage Protection
24VDC input
5.5
6.5
--
48VDC input
14.0
15.5
--


Similar Part No. - URF2403LP-10WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF2403LP-10WR3 MORNSUN-URF2403LP-10WR3 Datasheet
2Mb / 6P
   DC/DC Converter
URF2403LP-10WR3 MORNSUN-URF2403LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
URF2403LP-10WR3 MORNSUN-URF2403LP-10WR3_15 Datasheet
2Mb / 6P
   DC/DC Converter
More results

Similar Description - URF2403LP-10WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com