Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB4815YMD-20W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URB4815YMD-20W
Description  REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB4815YMD-20W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URB4815YMD-20W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB4815YMD-20W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB4815YMD-20W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB4815YMD-20W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB4815YMD-20W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB4815YMD-20W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URB4815YMD-20W Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URB4815YMD-20W Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URB_YMD-20W
2013.05.21-A/2
Page 1 of 8
URB_YMD-20W Series
20W,ULTRA WIDE INPUT,ISOLATED &
REGULATED SINGLE OUTPUT DIP
PACKAGING, DC-DC CONVERTER
Patent Protected
RoHS
PART NUMBER SYSTEM
URB2405YMD-20W
Rat ed Power
Pack ag e
Ou tp ut Vo lt age
In pu t Vo lta ge
Pro du ct Se r ies
FEATURES
●4:1 Ultra wide input voltage range
●Small footprint,20W,1×1inch
●Efficiency up to 90%
●1.5KVDC isolation
●Short circuit protection(automatic recovery)
●Over load protection
●Over temperature protection
●Input under voltage protection
●Output over voltage protection
●Metal shielding package
●Meet CISPR22/EN55022 CLASS A
●Low temperature rise, Industrial level
specifications
●Inverse polarity protection for A2S(chassis
mounting)and A4S(DIN-Rail mounting)
APPLICATION
URB_YMD-20W series are applied to the data transmission
device, battery-powered equipment, communications equipment,
distributed power systems, mixed analog / digital systems, remote
control system, industrial robot system and wide input voltage
occasions.
SELECTION GUIDE
Input Voltage(VDC)
Output Current (mA)
Input Current
(mA)(Typ.)
Model
Nominal
(Range)
Max
Output
Voltage
(VDC)
Max.
Min.
@Max.
Load
@No
Load
Reflected
Ripple
Current
(Ma,Typ.)
Max.
Capacitive
Load(
µF)
Efficiency
(%, Typ.)
@Max.
Load
URB2403YMD-20W
3.3
5000
250
780
50
10300
87
URB2405YMD-20W
5
4000
200
925
60
5400
90
URB2412YMD-20W
12
1667
84
925
60
1200
90
URB2415YMD-20W
24
(9-36)
40
15
1333
67
925
60
750
90
URB4803YMD-20W
3.3
5000
250
390
25
10300
88
URB4805YMD-20W
5
4000
200
463
30
5400
90
URB4812YMD-20W
12
1667
84
463
30
1200
90
URB4815YMD-20W
48
(18-75)
80
15
1333
67
463
30
30
750
90
Note: ① Series with suffix
“H” are heat sink mounting, series with suffix "A2S" are chassis mounting, with suffix "A4S" are DIN-Rail mounting, for example
URB2405YMD-20W HA2S is chassis mounting with heat sink, URB2405YMD-20WA4S is DIN-Rail mounting without heat sink. If the application has a higher
requirement for heat dissipation, you can choose modules with heat sink.
②Absolute maximum rating without damage on the converter, but it isn't recommended.
③The efficiency of "A2S" and "A4S" is approx. 2% lower for the protection of inverse polarity.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
24VDC input
-0.7
--
50
Input Surge Voltage (1sec.max.)
48 VDC input
-0.7
--
100
24VDC input
--
--
9
Start-up Voltage
48 VDC input
--
--
18
24VDC input
6
--
--
Under Voltage Shutdown
48 VDC input
15
--
--
VDC


Similar Part No. - URB4815YMD-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4815YMD-20WR3 MORNSUN-URB4815YMD-20WR3 Datasheet
2Mb / 9P
   20W isolated DC-DC converter DIP package with Ultra-wide Input and Regulated Single Output
More results

Similar Description - URB4815YMD-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
VRB2403LD-50W MORNSUN-VRB2403LD-50W Datasheet
1Mb / 7P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DCCONVERTER
VRB1203YMD-20WR3 MORNSUN-VRB1203YMD-20WR3 Datasheet
1Mb / 6P
   20W,wide input isolated & regulated single output ,DIP packaging, DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com