Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URC240515D-30W Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # URC240515D-30W
Description   REGULATED THREE OUTPUT DIP DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URC240515D-30W Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  URC240515D-30W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URC240515D-30W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URC240515D-30W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URC240515D-30W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URC240515D-30W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URC_D-30W
2013.05.31-A/2
Page 4 of 5
PRODUCT TYPICAL CURVE
Operating Temp(
°C)
0
20
40
60
80
100
120
-40
0
40
85
120
65
55
Without heatsink
With heatsink
Safe Operating A rea
Efficiency VS Input Voltage curve
(Full Load)
0
10
20
30
40
50
60
70
80
90
100
9
12
15
18
21
24
27
30
33
36
Input Voltage(V)
URC240515D-30W
Efficiency VS Output Load curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Total Output Current (%)
URC240515D-30W
OUTLINE DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING


Similar Part No. - URC240515D-30W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URC240515D-30WR2 MORNSUN-URC240515D-30WR2 Datasheet
1Mb / 6P
   REGULATED THREE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - URC240515D-30W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URC240312D-30WR2 MORNSUN-URC240312D-30WR2 Datasheet
1Mb / 6P
   REGULATED THREE OUTPUT DIP DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
logo
Minmax Technology Co., ...
MDWI08 MINMAX-MDWI08 Datasheet
430Kb / 4P
   DC/DC CONVERTER 8W, Regulated Output, DIP Package
logo
MORNSUN Science& Techno...
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com