Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URF2412P-6WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # URF2412P-6WR2
Description  SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF2412P-6WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  URF2412P-6WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF2412P-6WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF2412P-6WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF2412P-6WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF2412P-6WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URF_P-6WR2
2013.07.15-A/1
Page 3 of5
EMC MODULE APPLICATION CIRCUIT
EUT
GND
-Vo
+Vo
-Vin
+Vin
FT-A/BX1D
Load
0V
+Vo
Vin
C
+
-Vin
+Vin
FUSE
For nominal input voltage of 24V,C
≥330μF/50V
For nominal input voltage of 48V,C
≥330μF/100V
FT-A/BX1D is MORNSUN
’s EFT suppresser
(Figure 3)
EMC MODULE RECOMMENDED CIRCUIT PCB LAYOUT
(Figure 4)
EMI TEST WAVEFORM (RECOMMENDED CIRCUIT FINGURE 1-②)
URF4812P-6WR2 CE(Class B, Positive line)
URF4812P-6WR2 CE(Class B, Negative line)
URF4812P-6WR2 CE(Class B, Positive line)
URF4812P-6WR2 CE(Class B, Negative line)
PRODUCT TYPICAL PERFORMANCE CURVE
Ope ra tin g Temp .()
Temp era tu re De rat ing Gra ph
(Figure 5)


Similar Part No. - URF2412P-6WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF2412P-6WR3 MORNSUN-URF2412P-6WR3 Datasheet
362Kb / 5P
   DC/DC Converter
URF2412P-6WR3 MORNSUN-URF2412P-6WR3 Datasheet
288Kb / 5P
   DC/DC Converter
More results

Similar Description - URF2412P-6WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405LD-15WR2 MORNSUN-URA2405LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com