Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM24ML1S6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SM24ML1S6
Description  Size 16 stamped and formed contacts for TRIM TRIO connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM24ML1S6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM24ML1S6 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM24ML1S6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
107
SM/SC-M
Standard SM/SC crimp contacts: Contact size 16 - Pin diameter 1.6mm (.063”)
Part number: contacts on strip
Part number: Loose piecesmn
Wire size
Insulation
Wire
Pin contacts
Fig.
Socket contacts
Fig.
AWG
mm2
diameter
strip length
SM24M1S6
1
SC24M1S6
2
26 - 24
0.13 - 0.25
0.89 - 1.58
4.0
SM24ML1S6
SC24ML1S6
SM20M1S6
3
SC20M1S6
4
22 - 20
0.35 - 0.50
1.17 - 2.08
4.0
SM20ML1S6
SC20ML1S6
SM16M1S6
5
SC16M1S6
6
18 - 16
0.80 - 1.50
3.0
6.35
SM16ML1S6
SC16ML1S6
SM16M11S6
7
SC16M11S6
8
18 - 16
0.80 - 1.50
2.0 - 3.0
4.65
SM16ML11S6
SC16ML11S6
SM14M1S6
9
SC14M1S6
10
14
2.0 - 2,5
3.2
6.35
SM14ML1S6
SC14ML1S6
Dimensional table
Hand crimp tooling for loose contacts
Automatic crimp tooling for
contacts on strip
Extraction
Size
tooling
Hand tools
M8ND
P100 MAN
(Stripper - crimper)
die set included
Die set
Mini Applicator
(not included)
(not included)
Crimptooling table
For other platings: See plating table.
24
Y16SCM2 (ratchet)
N24RT11
MLS0318B
20
Y14SCM2 (not ratchet)
N20RT29
MLS0555A
Y14MTV (ratchet)
16M(L)11
Y16SCM2 (ratchet)
N16RT26
MLS0356A
RX2025GE1
Y14SCM2 (not ratchet)
SC10S1
or
16M(L)1
Y14SCM (ratchet)
N16RT24
MLS1579
RX2025GE2
Y14MTV (ratchet)
or
14
Y14SCM (ratchet)
N14RT13
MLS1047
RX16D11D1
Y14MTV (ratchet)
For detailed information on crimp tooling : See crimp tooling section


Similar Part No. - SM24ML1S6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM24 SEMTECH-SM24 Datasheet
171Kb / 7P
   TVS Diode Array
logo
Guangdong Youtai Semico...
SM24 UMW-SM24 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Micro Commercial Compon...
SM24 MCC-SM24 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Guangdong Youtai Semico...
SM24 UMW-SM24 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Microsemi Corporation
SM24 MICROSEMI-SM24 Datasheet
138Kb / 2P
   TVSarray Series
More results

Similar Description - SM24ML1S6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM16M23K ETC2-RM16M23K Datasheet
1Mb / 4P
   Size 16 solid machined contacts for TRIM TRIO connectors
logo
Amphenol Corporation
AT62-16-0622 AMPHENOL-AT62-16-0622 Datasheet
2Mb / 11P
   STAMPED AND FORMED CONTACTS
L77HDE15SD1CH4R AMPHENOL-L77HDE15SD1CH4R Datasheet
2Mb / 4P
   D-Sub connectors - Stamped and Formed Contacts
logo
Dubilier
DBCIC32SC6 DUBILIER-DBCIC32SC6_11 Datasheet
208Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
DBCIC32SC6 DUBILIER-DBCIC32SC6 Datasheet
106Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
logo
Amphenol Corporation
L177RRXXXS AMPHENOL-L177RRXXXS Datasheet
91Kb / 1P
   Stamped and formed contact.RR series
logo
3M Electronics
4808-3000-CP 3M-4808-3000-CP Datasheet
369Kb / 4P
   Stamped and Formed, Dual-Wipe
4808-3004-CP 3M-4808-3004-CP Datasheet
369Kb / 4P
   Stamped and Formed, Dual-Wipe
logo
Amphenol Corporation
L777-RR-A15P AMPHENOL-L777-RR-A15P Datasheet
112Kb / 1P
   STAMPED AND FORMED CONNECTOR, RR SERIES
logo
List of Unclassifed Man...
SMS2P1 ETC1-SMS2P1 Datasheet
507Kb / 8P
   Trim Trio Interconnection System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com