Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM20ML1S6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SM20ML1S6
Description  Size 16 stamped and formed contacts for TRIM TRIO connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM20ML1S6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM20ML1S6 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM20ML1S6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
106
SM/SC-M
How to order
S6
S6
1
1
(L)
(L)
M
M
16
16
SM
SC
Contact type:
SM: Male contact
SC : Female contact
AWG Size:
14, 16, 20, 24
Type of crimp barrel:
American open crimp barrel
Packing:
No digit: Contacts on strip (qty 3000 per reel)
L: Preformed loose piece contacts
Design variation
1 : Only wire crimp for size 14 and 16
: Wire + insulation crimp for sizes 20 and 24
11 : Wire + insulation crimp for size 16
Plating indication:
See plating table
Size 16 stamped and
formed contacts for
TRIM TRIO
connectors
Description
Size 16 SM/SC .063” (1.6mm) diameter
contacts are two piece strip formed crimp
snap-in pin and sockets.
These contacts consist of a crimp body
made of high conductive copper alloy, and
a stainless steel retaining spring featuring
retention in the housing cavity and a closed
entry socket to prevent probe damage.
The contact with its open barrel is standard
available on srtip and packaged with 3000
pcs on reel. This reel packaging combined
with semi or even full automatic crimp
tooling provides the added advantage of a
lower installed cost.
Features and benefits
• Made from high conductive copper alloy
with gold or tin over nickel plate finish.
• Two piece construcion with dual purpose
spring which serves for contact retention
and protects the body against damage.
• Contacts available on reel (standard) and
in bulk packing (100 pcs).
• Suitable for high volumes and lower
installation cost.
Performance characteristics
Current rating:
13 Amp
Contact resistance:
6 mΩ
Contact retention in body:
65 N min.
Individual insertion force:
3.5 N max.
Individual withdrawal force: 0.55 N min.
Construction
Contact body: High conductive copper
alloy.
Outer spring: Stainless steel
Plating table
S6
= 0.75m Gold min. in contact area,
flash on crimp barrel over Nickel.
D70 = Gold flash all over, over Nickel.
TK6 = Preplated Tin all over.
Connector accommodation
Any TRIM TRIO size 16 contact can
be used in any contact position in any
connector in the TRIM TRIO size 16
interconnection system.
• MS-M / MSG / MB
• SMS Qikmate
• UTG
• UTP
• UT0
• MBG
Note:
Reeled contacts are for applicator with left
side feeding.


Similar Part No. - SM20ML1S6

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20M05-18 PROTEC-SM20M05-18 Datasheet
172Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20M05-18 PROTEC-SM20M05-18 Datasheet
108Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20M05-18-LF-T13 PROTEC-SM20M05-18-LF-T13 Datasheet
108Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20M05-18-T13 PROTEC-SM20M05-18-T13 Datasheet
108Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20M05-18 PROTEC-SM20M05-18_05 Datasheet
108Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - SM20ML1S6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM16M23K ETC2-RM16M23K Datasheet
1Mb / 4P
   Size 16 solid machined contacts for TRIM TRIO connectors
logo
Amphenol Corporation
AT62-16-0622 AMPHENOL-AT62-16-0622 Datasheet
2Mb / 11P
   STAMPED AND FORMED CONTACTS
L77HDE15SD1CH4R AMPHENOL-L77HDE15SD1CH4R Datasheet
2Mb / 4P
   D-Sub connectors - Stamped and Formed Contacts
logo
Dubilier
DBCIC32SC6 DUBILIER-DBCIC32SC6_11 Datasheet
208Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
DBCIC32SC6 DUBILIER-DBCIC32SC6 Datasheet
106Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
logo
Amphenol Corporation
L177RRXXXS AMPHENOL-L177RRXXXS Datasheet
91Kb / 1P
   Stamped and formed contact.RR series
logo
3M Electronics
4808-3000-CP 3M-4808-3000-CP Datasheet
369Kb / 4P
   Stamped and Formed, Dual-Wipe
4808-3004-CP 3M-4808-3004-CP Datasheet
369Kb / 4P
   Stamped and Formed, Dual-Wipe
logo
Amphenol Corporation
L777-RR-A15P AMPHENOL-L777-RR-A15P Datasheet
112Kb / 1P
   STAMPED AND FORMED CONNECTOR, RR SERIES
logo
List of Unclassifed Man...
SMS2P1 ETC1-SMS2P1 Datasheet
507Kb / 8P
   Trim Trio Interconnection System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com