Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W28-XQ1A-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # W28-XQ1A-2
Description  Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

W28-XQ1A-2 Datasheet(HTML) 1 Page - Tyco Electronics

  W28-XQ1A-2 Datasheet HTML 1Page - Tyco Electronics W28-XQ1A-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
110
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 10-10)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
W28 series
Push to Reset
Fuseholder-Type
Thermal P&B Circuit Breaker
Note: VDE not available on 16A and 20A W28 only.
Time vs. Current Trip Curve @ +25°C
Ambient Compensation Chart
(A)
(B)
(A) All 3-20 Amp Models
(B) All 0.25-2 Amp Models
Overload
Trip Times
100%
135%
200%
400%
600%
800%
1000%
No Trip
Trip in 1 hour
2.2-15.0 Sec.
0.55-1.8 Sec.
0.27-0.7 Sec.
0.17-0.45 Sec.
0.12-0.3 Sec.
Overload
Trip Times
100%
175%
200%
400%
600%
No Trip
Trip in 1 hour
4.5-28.0 Sec.
1.0-6.5 Sec.
0.4-4.0 Sec.
1000
900
800
700
600
500
400
300
200
100
0
.1
1
10
100
1000
Time In Seconds
175
135
–20 –10
0
10
20
30
40
50
60
1.40
1.30
1.20
1.10
1.00
0.90
0.80
0.70
0.60
Ambient Temperature In Degrees Centigrade (°C)
To use this chart: Read up from the ambient temper-
ature to the curve, and across to find a correction fac-
tor. Multiply the breaker rating by the correction fac-
tor to determine the compensated rating. Calculate
the overloads in terms of the compensated rating to
use the published trip curve.
Do not use these devices outside their specified
operating temperature ranges.
Features
• Push to reset.
• Approved to many international standards.
• Replaces slow blow glass cartridge fuse.
• Labor-saving snap-in mounting.
• Button extends for visual trip indication.
Electrical Data @ 25°C
Calibration: Will continuously carry 100% of rating.
3-20 amp models – may trip between 101% and 134%, but
must trip at 135% of rating within one hour at +25°C.
0.25-2 amp models – may trip between 101% and 174%, but
must trip at 175% of rating within one hour at +25°C.
Dielectric Strength: Over 1,500 volts RMS.
Maximum Operating Voltages: 32VDC; 250VAC, 50/60 Hz.
Interrupt Capacity: 1,000 amps at 250VAC, 50/60 Hz. and 32VDC in
accordance with UL standard 1077.
Mechanical/Environmental Data
Termination: .250” (6.35mm) quick connects. Soldering to terminals is
not recommended.
Mounting: Snaps into panel from front. See Recommended
Panel Cutouts.
Approximate Weight: 0.35 oz. (10g).
Resettable Overload Capacity: Six times rated current for 0.25 through
2 amp models. Ten times rated current
for 3 through 20 amp models.
Reset Time: 180 seconds max. for 0.25 through 2 amp models. 5 to 30
seconds for 3 through 20 amp models.
Current
Typical
Current
Typical
Rating
Resistance
Rating
Resistance
in Amps
in Ohms
in Amps
in Ohms
0.25
14.0
8.0
0.016
0.50
3.55
9.0
0.014
0.75
2.0
10.0
0.011
1.0
0.89
11.0
0.01
2.0
0.17
12.0
0.009
3.0
0.069
13.0
0.009
4.0
0.043
14.0
0.007
5.0
0.030
15.0
0.007
6.0
0.026
16.0
0.007
7.0
0.017
20.0
0.006
Agency Approvals
W28 series is UL 1077 Recognized as Supplementary Protectors, File
E69543, and CSA Accepted as Supplementary Protectors (Appliance
Component Protectors), File LR15734. W28 breakers are VDE
approved for use in office equipment (AC loads only) and provides
8mm isolation. 16 amp and 20 amp models do not have VDE
approvals at present.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to confirm the product meets the
requirements for a given application.
Typical Resistance vs. Current Rating @ +25°C


Similar Part No. - W28-XQ1A-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
W28-XQ1A-2 TEC-W28-XQ1A-2 Datasheet
426Kb / 2P
   Approved to many international standards
W28-XQ1A-20 TEC-W28-XQ1A-20 Datasheet
426Kb / 2P
   Approved to many international standards
More results

Similar Description - W28-XQ1A-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393250-1 MACOM-2-1393250-1 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
W28-XQ1A-10 MACOM-W28-XQ1A-10 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-2 MACOM-2-1393250-2 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-3 MACOM-2-1393250-3 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-7 MACOM-2-1393250-7 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
W28-X1024-3.20 MACOM-W28-X1024-3.20 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-9 MACOM-2-1393250-9 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-8 MACOM-2-1393250-8 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
3-1393250-9 MACOM-3-1393250-9 Datasheet
528Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-5 MACOM-2-1393250-5 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com