Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF120-40B410 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WF120-40B410
Description  Fork sensors for a wide range of applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WF120-40B410 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  WF120-40B410 Datasheet HTML 1Page - List of Unclassifed Manufacturers WF120-40B410 Datasheet HTML 2Page - List of Unclassifed Manufacturers WF120-40B410 Datasheet HTML 3Page - List of Unclassifed Manufacturers WF120-40B410 Datasheet HTML 4Page - List of Unclassifed Manufacturers WF120-40B410 Datasheet HTML 5Page - List of Unclassifed Manufacturers WF120-40B410 Datasheet HTML 6Page - List of Unclassifed Manufacturers WF120-40B410 Datasheet HTML 7Page - List of Unclassifed Manufacturers WF120-40B410 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DOL-0804-W10M
6 010 755
10 m
DOL-0804-W05M
6 009 873
5 m
Type
DOL-0804-W02M
Part no.
6 009 871
Cable length
2 m
DOL-0804-G10M
6 010 754
10 m
DOL-0804-G05M
6 009 872
5 m
Type
DOL-0804-G02M
7
Cables and Connectors
SENSICK
DOS-0804-W
6 009 975
Dimensional drawings and order information
SENSICK screw-in system M8, 4-pin, enclosure rating IP 67
Type
Part no.
Type
Part no.
DOS-0804-G
6 009 974
Female connector M8, 4-pin, straight
Part no.
6 009 870
Cable length
2 m
Female connector M8, 4-pin, straight
Cable diameter 5 mm, 4 x 0.25 mm2, sheath PVC
Female connector M8, 4-pin, right angle
Cable diameter 5 mm, 4 x 0.25 mm2, sheath PVC
38.4
Cable diameter
max. 5.0 mm
4
2
3
1
2/wht
1/brn
4/blk
3/blu
30.5
Rmin1)
ø 11.6
M8x1
12.5
Cable diameter
max. 5.0 mm
4
2
3
1
3/blu
6
26
M 8x1
ø 10
Rmin1)
1/brn
4/blk
2/wht
1)
Minimum bend radius in dynamic use
Rmin = 20 x cable diameter
Female connector M8, 4-pin, right angle


Similar Part No. - WF120-40B410

ManufacturerPart #DatasheetDescription
logo
SICK AG
WF120-40B410 SICK-WF120-40B410 Datasheet
977Kb / 7P
   FORK SENSORS
More results

Similar Description - WF120-40B410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB42AC3 TI-TSB42AC3 Datasheet
766Kb / 70P
[Old version datasheet]   General purpose link layer ideal for a wide-range of applications
logo
PHOENIX CONTACT
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
   Wide range of SAC... nuts for various different applications
TSD-20-SAC PHOENIX-TSD-20-SAC Datasheet
49Kb / 3P
   Wide range of SAC... nuts for various different applications
logo
SanRex Corporation
TMG8C60F SANREX-TMG8C60F Datasheet
116Kb / 2P
   Isolated Mold Triac Suitable for wide range of Applications
logo
Littelfuse
USP12920 LITTELFUSE-USP12920 Datasheet
575Kb / 1P
   Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing applications
USP14439 LITTELFUSE-USP14439 Datasheet
551Kb / 1P
   Littelfuse offers Polyimide probe assemblies suitable for a wide range of temperature sensing applications
USP4065 LITTELFUSE-USP4065 Datasheet
548Kb / 1P
   Littelfuse offers Vinyl probe housings suitable for a wide range of temperature sensing applications
USP10680 LITTELFUSE-USP10680 Datasheet
558Kb / 1P
   Littelfuse offers Overmolded probe housings suitable for a wide range of temperature sensing applications
USP10972 LITTELFUSE-USP10972 Datasheet
575Kb / 1P
   Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing applications
USP10978 LITTELFUSE-USP10978 Datasheet
612Kb / 1P
   Littelfuse offers Overmolded probe housings suitable for a wide range of temperature sensing applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com