Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YC-055 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # YC-055
Description  Crimping tools
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

YC-055 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  YC-055 Datasheet HTML 1Page - List of Unclassifed Manufacturers YC-055 Datasheet HTML 2Page - List of Unclassifed Manufacturers YC-055 Datasheet HTML 3Page - List of Unclassifed Manufacturers YC-055 Datasheet HTML 4Page - List of Unclassifed Manufacturers YC-055 Datasheet HTML 5Page - List of Unclassifed Manufacturers YC-055 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
941
940
Extraction tool
Terminals and parts model
number in alphabetical order
Insertion tool
Hand tools
Hand tools
for chain terminals
for loose piece terminals
for loose piece terminals
Extraction and Insertion tools
YRS series
YC series
YRM series
YRF series
WC & JUC series
JUK's Hand Tools
Terminal in loose form
model No.
SPS-21T-250S
YC-780
WC-780
LPS-21T-250S
EJ-PS250
SPS-41T-110
YC-750 (for AWG #20, #18)
WC-750
LPS-41T-110
YC-751 (for AWG #16)
SPS-51T-187(-8)
YC-710 (for AWG #20, #16)
WC-710
LPS-51T-187(-8)
EJ-PS187
YC-711 (for AWG #18, #14)
SPS-51T-205
LPS-51T-205
SPS-61T-250
YC-720
WC-720
LPS-61T-250
EJ-PS250
SPS-61T-250S
YC-721
LPS-61T-250S
EJ-PS250
SPS-91T-250
YRF-790
BPS-91T-250
EJ-PS250
SPS-91T-250S
YRF-791
BPS-91T-250S
EJ-PS250
SRA-20(T)-**
YC-181
LRA-20(T)-**
SRA-21(T)-**
YC-141
LRA-21(T)-**
SRA-50(T)-**
YC-182
LRA-50(T)-**
SRA-51(T)-**
YC-142
LRA-51(T)-**
SRB-1.0-( )
––––
JUCS-RB/RT
SRB-2.5-( )
––––
JUCS-RB/RT
SRB-51(T)-**
YC-142
LRB-51(T)-**
SRC-01(T)-**
YC-033
LRC-01(T)-**
SRC-50(T)-**
YC-183
LRC-50(T)-**
SRC-51(T)-**
YC-142
LRC-51(T)-**
SRF-51(T)-**
YC-142
LRF-51(T)-**
SRT-1.0-( )
––––
JUCS-RB/RT
SRT-2.5-( )
––––
JUCS-RB/RT
SRT-51T-**
YC-143R
LRT-51T-**
SRWF-01GG-M0.6
YC-830R
BRWF-01GG-M0.6
SRWM-01GG-S0.6
YC-830R
BRWM-01GG-S0.6
SRWF-61GG-M0.6
YC-840R
BRWF-61GG-M0.6
SRWM-61GG-S0.6
YC-840R
BRWM-61GG-S0.6
SSH/L-002( )-P0.2
––––
WC-GH2630
SSH-003T-P0.2-H
YRS-859
WC-SH2832
SSH-003GA-P0.2
YRS-859
WC-SH2832
SSHL-003T-P0.2
YRS-859
WC-SH2832
SSHL-003GA1-P0.2
YRS-859
WC-SH2832
SSF-01T-P1.4
YC-500
BSF-01T-P1.4
SLJ-1.4
ITBL-08V
SSM-01T-P1.4
YC-500
BSM-01T-P1.4
SLJ-1.4
ITBL-08V
SSF/M-21T-P1.4
YC-550
WC-550
BSF/M-21T-P1.4
SLJ-1.4
STI-01(T)-110N
YC-041
LTI-01(T)-110N
STI-1.0-250D/N
––––
JUCS-TI
STI-2.5-250D/N
––––
JUCS-TI
STI-41(T)-110N
YC-063
LTI-41(T)-110N
STI-51(T)-250N
YC-322
LTI-51(T)-250N
STO-01(T)-110N(-8)
YC-041
LTO-01(T)-110N(-8)
STO-01(T)-187N(-8)
YC-042
LTO-01(T)-187N(-8)
STO-0.25-110N
YC-810
YC-770
(for UL1015 AWG #20, #16)
YC-771
(for UL1015 AWG #18, #14)
Crimping tools
Crimping tools


Similar Part No. - YC-055

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
YC-055 JST-YC-055 Datasheet
1,011Kb / 9P
   Crimping machines and tools
More results

Similar Description - YC-055

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WC-620 ETC2-WC-620 Datasheet
70Kb / 6P
   Crimping tools
YC-692R ETC2-YC-692R Datasheet
70Kb / 6P
   Crimping tools
logo
Kyocera Kinseki Corpota...
061001016 KSS-061001016 Datasheet
627Kb / 5P
   HAND CRIMPING TOOLS
logo
Tyco Electronics
50729 MACOM-50729 Datasheet
490Kb / 10P
   Hand Crimping Tools
logo
TE Connectivity Ltd
408-1502 TEC-408-1502 Datasheet
203Kb / 6P
   Hand Crimping Tools
logo
Kyocera Kinseki Corpota...
061001017 KSS-061001017 Datasheet
627Kb / 5P
   HAND CRIMPING TOOLS
logo
List of Unclassifed Man...
WC-260 ETC2-WC-260 Datasheet
232Kb / 8P
   Crimping tools and machines
logo
JST Mfg. Co., Ltd.
YRS JST-YRS Datasheet
1,011Kb / 9P
   Crimping machines and tools
logo
TE Connectivity Ltd
408-7235 TEC-408-7235 Datasheet
69Kb / 4P
   CERTI-CRIMP Hand Crimping Tools
408-2029 TEC-408-2029 Datasheet
322Kb / 10P
   ROTA-CRIMP Hand Crimping Tools
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com