Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF5-40B410 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WF5-40B410
Description  Fork sensors for a wide range of applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WF5-40B410 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WF5-40B410 Datasheet HTML 1Page - List of Unclassifed Manufacturers WF5-40B410 Datasheet HTML 2Page - List of Unclassifed Manufacturers WF5-40B410 Datasheet HTML 3Page - List of Unclassifed Manufacturers WF5-40B410 Datasheet HTML 4Page - List of Unclassifed Manufacturers WF5-40B410 Datasheet HTML 5Page - List of Unclassifed Manufacturers WF5-40B410 Datasheet HTML 6Page - List of Unclassifed Manufacturers WF5-40B410 Datasheet HTML 7Page - List of Unclassifed Manufacturers WF5-40B410 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
WF next, Teach-in
SENSICK
WF120-95B416
6 028 470
WF80-95B416
6 028 469
WF50-95B416
6 028 468
WF30-95B416
6 028 467
WF2-95B416
WF5-95B416
WF15-95B416
6 028 464
6 028 465
6 028 466
WF120-60B416
6 028 463
WF80-60B416
6 028 462
WF50-60B416
6 028 461
WF30-60B416
6 028 460
WF2-60B416
WF5-60B416
WF15-60B416
6 028 457
6 028 458
6 028 459
WF120-40B416
6 028 456
WF80-40B416
6 028 455
WF50-40B416
6 028 454
WF30-40B416
6 028 453
Fork width
2 mm
5 mm
15 mm
30 mm
50 mm
80 mm
120 mm
Fork depth
40, 60 or 95 mm
Light source
LED, infra-red modulated
Minimum detectable object size
0.2 mm
Supply voltage UV
10 ... 30 V DC 2)
Current consumption 3)
40 mA
Ripple 4)
< 10 %
Switching output
PNP and NPN
Light/dark adjustable via button
Signal voltage
PNP
HIGH = UV – (< 2 V)/LOW = 0 V
NPN
HIGH = UV/LOW = < 2 V
Output current IA
100 mA
Stability of response time 5)
±20 µs
Response time 5), switching frequency 6) Max. 100 µs; 10,000/s
Teach-in via button
Initialisation time
100 ms
Ambient light safety
Incandescent lamp
5,000 Lux
Sunlight
10,000 Lux
VDE protection class 7)
III
Enclosure rating
IP 65
Circuit protection 8)
A, B, C
Ambient temperature 9)
Operation
–20 °C ... +60 °C
Storage
–30 °C ... +80 °C
Housing
Aluminium
Weight
Approx. 36 g to 160 g 10)
1)
XX = Fork depth
(E.g. 40 = fork depth equivalent to 40 mm)
2)
Limit values, reverse-polarity protected
3)
Without load
4)
May not exceed or fall short of
VS-tolerances
5)
Signal transit time with resistive load
6)
With light/dark ratio 1:1; no time delay
7)
Reference voltage 50 V DC
8)
A = UV connections reverse-polarity
protected
B = Outputs short-circuit protected
C = Interference pulse suppression
9)
Do not bend below 0 °C
10) Depending on fork width
Truth table
Technical data
WF
2-XX1)
B416
5-XX1)
B416
15-XX1)
B416
30-XX1)
B416
50-XX1)
B416
80-XX1)
B416
120-XX1)
B416
WF2-40B416
WF5-40B416
WF15-40B416
6 028 450
Type
Part no.
Type
Part no.
Type
Part no.
6 028 451
6 028 452
Switching type
Light-switching (Q)
Dark-switching (Q
)
Light path free
yes
no
yes
no
PNP/NPN output
HIGH
LOW
LOW
HIGH
Function indicator (yellow) On
Off
Off
On
Fork depth 40 mm
Fork depth 60 mm
Fork depth 95 mm
Order information


Similar Part No. - WF5-40B410

ManufacturerPart #DatasheetDescription
logo
SICK AG
WF5-40B410 SICK-WF5-40B410 Datasheet
977Kb / 7P
   FORK SENSORS
More results

Similar Description - WF5-40B410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB42AC3 TI-TSB42AC3 Datasheet
766Kb / 70P
[Old version datasheet]   General purpose link layer ideal for a wide-range of applications
logo
PHOENIX CONTACT
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
   Wide range of SAC... nuts for various different applications
TSD-20-SAC PHOENIX-TSD-20-SAC Datasheet
49Kb / 3P
   Wide range of SAC... nuts for various different applications
logo
SanRex Corporation
TMG8C60F SANREX-TMG8C60F Datasheet
116Kb / 2P
   Isolated Mold Triac Suitable for wide range of Applications
logo
Littelfuse
USP12920 LITTELFUSE-USP12920 Datasheet
575Kb / 1P
   Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing applications
USP14439 LITTELFUSE-USP14439 Datasheet
551Kb / 1P
   Littelfuse offers Polyimide probe assemblies suitable for a wide range of temperature sensing applications
USP4065 LITTELFUSE-USP4065 Datasheet
548Kb / 1P
   Littelfuse offers Vinyl probe housings suitable for a wide range of temperature sensing applications
USP10680 LITTELFUSE-USP10680 Datasheet
558Kb / 1P
   Littelfuse offers Overmolded probe housings suitable for a wide range of temperature sensing applications
USP10972 LITTELFUSE-USP10972 Datasheet
575Kb / 1P
   Littelfuse offers Stainless probe assemblies suitable for a wide range of temperature sensing applications
USP10978 LITTELFUSE-USP10978 Datasheet
612Kb / 1P
   Littelfuse offers Overmolded probe housings suitable for a wide range of temperature sensing applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com