Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F674X Datasheet(PDF) 5 Page - Texas Instruments

Part # MSP430F674X
Description  Polyphase Metering SoCs
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F674X Datasheet(HTML) 5 Page - Texas Instruments

  MSP430F674X Datasheet HTML 1Page - Texas Instruments MSP430F674X Datasheet HTML 2Page - Texas Instruments MSP430F674X Datasheet HTML 3Page - Texas Instruments MSP430F674X Datasheet HTML 4Page - Texas Instruments MSP430F674X Datasheet HTML 5Page - Texas Instruments MSP430F674X Datasheet HTML 6Page - Texas Instruments MSP430F674X Datasheet HTML 7Page - Texas Instruments MSP430F674X Datasheet HTML 8Page - Texas Instruments MSP430F674X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 163 page
background image
Unified
Clock
System
512kB
256kB
128kB
Flash
MCLK
ACLK
SMCLK
CPUXV2
and
Working
Registers
(25MHz)
EEM
(S: 8+2)
XIN
XOUT
JTAG/
SBW
Interface/
Port PJ
eUSCI_A0
eUSCI_A1
eUSCI_A2
eUSCI_A3
(UART,
IrDA,SPI)
SD24_B
7 Channel
6 Channel
4 Channel
ADC10_A
10 Bit
200 KSPS
LCD_C
8MUX
Up to 320
Segments
REF
Reference
1.5V, 2.0V,
2.5V
DVCC DVSS
AVCC AVSS
PA
I/O Ports
P1/P2
2×8 I/Os
Interrupt
& Wakeup
PA
1×16 I/Os
P1.x P2.x
RST/NMI
32kB
16kB
RAM
PJ.x
DMA
3 Channel
PMM
Auxiliary
Supplies
LDO
SVM/SVS
BOR
MPY32
SYS
Watchdog
Port
Mapping
Controller
CRC16
PD
I/O Ports
P7/P8
1×8 I/Os
1
PD
1×10 I/Os
×2 I/Os
P7.x
P8.x
PC
I/O Ports
P5/P6
2×8 I/Os
PC
1×16 I/Os
P5.x P6.x
PB
I/O Ports
P3/P4
2×8 I/Os
PB
1×16 I/Os
P3.x P4.x
eUSCI_B0
eUSCI_B1
(SPI, I2C)
RTC_CE
(32kHz)
AUX1 AUX2 AUX3
TA1
TA2
TA3
Timer_A
2 CC
Registers
Ta0
Timer_A
3 CC
Registers
AES128
COMP_B
(External
Voltage
Monitoring)
Unified
Clock
System
512kB
256kB
128kB
Flash
MCLK
ACLK
SMCLK
CPUXV2
and
Working
Registers
(25MHz)
EEM
(S: 8+2)
XIN
XOUT
JTAG/
SBW
Interface/
Port PJ
eUSCI_A0
eUSCI_A1
eUSCI_A2
eUSCI_A3
(UART,
IrDA,SPI)
SD24_B
7 Channel
6 Channel
4 Channel
ADC10_A
10 Bit
200 KSPS
LCD_C
8MUX
Up to 320
Segments
REF
Reference
1.5V, 2.0V,
2.5V
DVCC DVSS
AVCC AVSS
PA
I/O Ports
P1/P2
2×8 I/Os
Interrupt
& Wakeup
PA
1×16 I/Os
P1.x P2.x
RST/NMI
32kB
16kB
RAM
PJ.x
DMA
3 Channel
PMM
Auxiliary
Supplies
LDO
SVM/SVS
BOR
MPY32
SYS
Watchdog
Port
Mapping
Controller
CRC16
PD
I/O Ports
P7/P8
2×8 I/Os
PD
1×16 I/Os
I/O Ports
P9/P10
2×8 I/O
PE
1×16 I/O
P7.x
P8.x
PC
I/O Ports
P5/P6
2×8 I/Os
PC
1×16 I/Os
P5.x P6.x
PB
I/O Ports
P3/P4
2×8 I/Os
PB
1×16 I/Os
P3.x P4.x
eUSCI_B0
eUSCI_B1
(SPI, I2C)
RTC_CE
(32kHz)
AUX1 AUX2 AUX3
TA1
TA2
TA3
Timer_A
2 CC
Registers
Ta0
Timer_A
3 CC
Registers
AES128
COMP_B
(External
Voltage
Monitoring)
I/O Ports
P11
1×6 I/O
PF
1×6 I/O
PF
P9.x P10.x
PE
P11.x
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
, MSP430F676x, MSP430F674x
www.ti.com
SLAS768D – SEPTEMBER 2012 – REVISED DECEMBER 2013
Functional Block Diagram – MSP430F677xIPEU, MSP430F676xIPEU, and MSP430F674xIPEU
Functional Block Diagram – MSP430F677xIPZ, MSP430F676xIPZ, and MSP430F674xIPZ
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - MSP430F674X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F674X TI-MSP430F674X Datasheet
1Mb / 157P
[Old version datasheet]   POLYPHASE METERING SoCs
MSP430F674X TI1-MSP430F674X Datasheet
1Mb / 162P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F674X1 TI1-MSP430F674X1 Datasheet
1Mb / 156P
[Old version datasheet]   POLYPHASE METERING SoCs
MSP430F674X1 TI1-MSP430F674X1 Datasheet
1Mb / 163P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F674X1 TI1-MSP430F674X1 Datasheet
1Mb / 162P
[Old version datasheet]   Polyphase Metering SoCs
More results

Similar Description - MSP430F674X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F677X1 TI1-MSP430F677X1 Datasheet
1Mb / 163P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F677X TI1-MSP430F677X_16 Datasheet
1Mb / 162P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F67791A TI1-MSP430F67791A Datasheet
2Mb / 176P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F67751 TI1-MSP430F67751 Datasheet
1Mb / 156P
[Old version datasheet]   POLYPHASE METERING SoCs
MSP430F6779A TI1-MSP430F6779A Datasheet
2Mb / 176P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F677X1 TI1-MSP430F677X1_16 Datasheet
1Mb / 162P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F67641A TI1-MSP430F67641A Datasheet
1Mb / 147P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F6776IPEU TI-MSP430F6776IPEU Datasheet
1Mb / 157P
[Old version datasheet]   POLYPHASE METERING SoCs
logo
Analog Devices
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
   Polyphase Multifunction Energy Metering IC
REV. A
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com