Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

354395 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 354395
Description  Messerleiste R 64 EE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

354395 Datasheet(HTML) 1 Page - ERNI Electronics

  354395 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
78,74
2,54
2x2,54=5,08
2,54
31x2,54=78,74
Index
Date
B
16.02.2010
A3
prior notice.
contact one of the ERNI companies
STVR
Male Connector R 64 Pressfit
Messerleiste R 64 EE
354395
2:1
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
class
Anforderungsstufe
date
Datum
XXXXXXX
Stecklänge
mating length
-0,2
88
max.95
S
S
S
S
a
b
c
S
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
contact layout
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
Bestückungsplan /
all holes
mating length
/ nacheilend
Stecklänge /
E =
early mate, late break / voreilend
S = standard
L =
late mate, early break
L S E
a b c
0,6
c32
a1
a32
c1
+0,1
85,2
+0,2
2,8
1
83,2
+0,4
90 ±0,1
Alle Löcher
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
Leiterplatten-Lochbild /
PCB drillhole pattern
0,05
2,54
=78,74
2,54
90
+0,1
2,8
)
1
31x
Elastische Einpresszone /
compliant pressfit zone
Isolierwerkstoff
/ housing material : PBT GF 30
Bauart 4 / t
ype 4
Anforderungsstufe 2 = 400 Steckzyklen
/ performance class 2 = 400 mating cycles
Fehlende Maße und Angaben nach IEC 60 603-2 / DIN EN 60 603-2
Missing information and dimensions per IEC 60 603-2 / DIN EN 60 603-2
Schichtaufbau im metallisierten Loch siehe Zeichnung 114124
diameter of drilled hole see drawing 114124
1)
1,0
+0,09
-0,06 Durchmesser des metallisierten Loches
1,0
+0,09
-0,06 Diameter of finished plated-through hole
Bedruckung siehe Zeichnung 294905
Marking see drawing 294905


Similar Part No. - 354395

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35439-8000 MOLEX5-35439-8000 Datasheet
131Kb / 3P
   2.0mm (.079") Bulb-Socket Earth Terminal
logo
ERNI Electronics
354397 ERNI-354397 Datasheet
74Kb / 1P
   Messerleiste R / 2, 48 EE
More results

Similar Description - 354395

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
354381 ERNI-354381 Datasheet
103Kb / 1P
   MESSERLEISTE R 64 EE
234713 ERNI-234713 Datasheet
103Kb / 1P
   MESSERLEISTE R 64 EE
100403210042 ERNI-100403210042 Datasheet
114Kb / 1P
   Messerleiste R 64 EE
354385 ERNI-354385 Datasheet
109Kb / 1P
   Messerleiste R 64 EE
100200760001 ERNI-100200760001 Datasheet
83Kb / 1P
   Messerleiste C 64 EE
100101070001 ERNI-100101070001 Datasheet
207Kb / 1P
   Messerleiste R 96 EE
254141 ERNI-254141 Datasheet
88Kb / 1P
   Messerleiste R 96 EE
100103210153 ERNI-100103210153 Datasheet
111Kb / 1P
   Messerleiste C 64 EE
384059 ERNI-384059 Datasheet
68Kb / 1P
   Messerleiste C 64 EE
234712 ERNI-234712 Datasheet
105Kb / 1P
   MESSERLEISTE R 96 EE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com