Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F48-750 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # F48-750
Description  Power Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F48-750 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  F48-750 Datasheet HTML 1Page - List of Unclassifed Manufacturers F48-750 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.TriadMagnetics.com
| 22520 B Temescal Canyon Road, Corona, CA 92883 | Phone 951-277-0757 | FAX 951-277-2757
Power Transformers
PC
Moun t: Split P ack
Single
Dual
Secondary
Dimensions
Primary
Primary
Wt.
Section
6 Pin
8 Pin
VA
Series
Parallel
H
W
L
ML
A
B
C
Lbs.
F10-3600
FS10-3600
10.0V CT @ 3.6A
5.0V @ 7.2A
F12-2850
FS12-2850
12.6V CT @ 2.85A
6.3V @ 5.7A
F16-2250
FS16-2250
16.0V CT @ 2.25A
8.0V @ 4.5A
F20-1800
FS20-1800
20.0V CT @ 1.8A
10.0V @ 3.6A
F24-1500
FS24-1500
24.0V CT @ 1.5A
12.0V @ 3.0A
A
F28-1300
FS28-1300
36.0
28.0V CT @ 1.3A
14.0V @ 2.6A
19/16
23/16
25/8
*
0.40
0.40
1.850
1.1
F36-1000
FS36-1000
36.0V CT @ 1.0A
18.0V @ 2.0A
F48-750
FS48-750
48.0V CT @ 0.75A
24.0V @ 1.5A
F56-650
FS56-650
56.0V CT @ 0.65A
28.0V @ 1.3A
F120-300
FS120-300
120.0V CT @ 0.3A
60.0V @ 0.6A
* 36 VA size has 4 mtg. holes on 2 316 x 134 centers.
CT = Center Tap
:: Outline Dimensions
T echnical Notes
1. Hi-pot tested at 2,500 VRMS.
2. PC terminal pin spacing for accurate placement.
3. 115 V connect primary in parallel.
230 V connect primary in series.
4. Series Connections:
Primary - Input 1 & 4
Connect 2 & 3
Secondary - Input 5 & 8
Connect 6 & 7
5. Parallel Connections:
Primary - Input 1 & 2
Connect 1 & 3. 2 & 4
Secondary - Input 5 & 8
Connect 5 & 7, 6 & 8
6. For single primary, omit pins 2 and 3.


Similar Part No. - F48-750

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F48-750 TRIAD-F48-750 Datasheet
91Kb / 1P
   PC MOUNT : SPLIT PACK
F48-750-C2 TRIAD-F48-750-C2 Datasheet
48Kb / 1P
   CLASS 3 TRANSFORMER
More results

Similar Description - F48-750

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD4D11 SUMIDA-CMD4D11_07 Datasheet
119Kb / 2P
   Power Transformers
logo
Frontier Electronics.
LAMINATED FRONTIER-LAMINATED Datasheet
133Kb / 1P
   Power Transformers
logo
List of Unclassifed Man...
N-9MG ETC2-N-9MG Datasheet
153Kb / 2P
   Power Transformers
logo
Sumida Corporation
CMD6D11B SUMIDA-CMD6D11B_07 Datasheet
121Kb / 2P
   Power Transformers
logo
List of Unclassifed Man...
P-8672 ETC2-P-8672 Datasheet
300Kb / 1P
   POWER TRANSFORMERS
logo
TRIAD MAGNETICS
F-55X TRIAD-F-55X Datasheet
241Kb / 3P
   Power Transformers
logo
Sumida Corporation
CMD5D13 SUMIDA-CMD5D13_07 Datasheet
134Kb / 2P
   Power Transformers
CMD4D13 SUMIDA-CMD4D13 Datasheet
122Kb / 2P
   Power Transformers
logo
Pulse A Technitrol Comp...
P5000NL PULSE-P5000NL Datasheet
66Kb / 1P
   POWER TRANSFORMERS
logo
Sumida Corporation
CMD4D08 SUMIDA-CMD4D08_07 Datasheet
122Kb / 2P
   Power Transformers
logo
List of Unclassifed Man...
N-68X ETC2-N-68X Datasheet
206Kb / 2P
   Power Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com