Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS030-102 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FMS030-102
Description  Code for Special Contacts
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMS030-102 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FMS030-102 Datasheet HTML 2Page - List of Unclassifed Manufacturers FMS030-102 Datasheet HTML 3Page - List of Unclassifed Manufacturers FMS030-102 Datasheet HTML 4Page - List of Unclassifed Manufacturers FMS030-102 Datasheet HTML 5Page - List of Unclassifed Manufacturers FMS030-102 Datasheet HTML 6Page - List of Unclassifed Manufacturers FMS030-102 Datasheet HTML 7Page - List of Unclassifed Manufacturers FMS030-102 Datasheet HTML 8Page - List of Unclassifed Manufacturers FMS030-102 Datasheet HTML 9Page - List of Unclassifed Manufacturers FMS030-102 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
31
DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
ML 12/2008
Order Number
Ø A
Ø B
Ø C
Ø D
E
F
G
H
J
K
L
Bestellnummer
max.
max.
max.
max.
0,85
1,2
1,4
2,3
9,5
5,0
3,0
11,2
22,5
23,0
16,7
(0.033) (0.047) (0.055) (0.091) (0.374) (0.197) (0.118) (0.441) (0.886) (0.906) (0.657)
0,85
1,9
2,3
3,2
9,5
5,0
3,0
11,2
22,5
23,0
16,7
(0.033) (0.075) (0.091) (0.126) (0.374) (0.197) (0.118) (0.441) (0.886) (0.906) (0.657)
0,85
2,8
3,1
4,5
9,5
5,0
3,0
11,2
22,5
23,0
16,7
(0.033) (0.110) (0.122) (0.177) (0.374) (0.197) (0.118) (0.441) (0.886) (0.906) (0.657)
1,0
3,0
3,6
5,2
9,5
5,0
3,0
13,6
26,3
26,8
19,0
(0.039) (0.118) (0.142) (0.205) (0.374) (0.197) (0.118) (0.535) (1.035) (1.055) (0.748)
0,85
1,9
2,7
3,2
9,5
5,0
3,0
12,2
23,5
24,0
17,3
(0.033) (0.075) (0.106) (0.126) (0.374) (0.197) (0.118) (0.480) (0.925) (0.945) (0.681)
FMX012...
FMX005...
FMX006...
FMX007...
FMX008...
Order Number
Plug
Bestellnummer
Stecker
FMX005P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
178BU
FMX005S102
FMX005P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
196AU, 404U
FMX005S101
FMX005P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
178BU
FMX005S202
FMX005P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
196AU, 404U
FMX005S201
FMX006P102*
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
174U
FMX006S102*
FMX006P101*
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
188AU, 316U
FMX006S101*
FMX007P102*
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FMX007S102*
FMX007P101*
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FMX007S101*
FMX008P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FMX008S102
FMX008P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FMX008S101
FMX012P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
316U double braided
FMX012S102
FMX012P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
doppelt geschirmt
FMX012S101
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches =  0,2 µm
50 microinches =  1,3 µm
Tools from page 94 onwards / Werkzeuge ab Seite 94 ff.
30 microinches =  0,8 µm
200 microinches =  5 µm
* Deep-drawn crimp ferrule without inspection hole, please see illustration on page 32.
* Tiefgezogene Crimphülse ohne Inspektionsbohrung, siehe Darstellung auf Seite 32.
Order Number
Receptacles
Außenleiter
Innenleiter
Außenleiter
Verwendbare Kabel RG-
Bestellnummer
Steckdose
Suitable Cables RG-
Outer Conductor
Inner Conductor
180BU
58CU, 141AU
Type
Ausführung
Innenleiter
Inner Conductor
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
Outer Conductor
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
Solder termination
Crimp or solder termination
Löten
Crimpen oder Löten
FMX Coaxial Contacts, 50 Ohm, Straight Cable Termination
FMX Koaxialkontakte, 50 Ohm, gerader Kabelanschluss
Dimensions
Abmessungen


Similar Part No. - FMS030-102

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FMS006-2310-0 YAMAICHI-FMS006-2310-0 Datasheet
213Kb / 1P
   SIM Card Reader (Push / Lock, Std. Type w/o Switch)
FMS006-2320-0 YAMAICHI-FMS006-2320-0 Datasheet
112Kb / 1P
   SIM Card Reader (Push / Lock, Reversed w/o Switch)
FMS006-2620-0 YAMAICHI-FMS006-2620-0 Datasheet
124Kb / 1P
   SIM Card Reader (Push / Push, Low Profile Std. Type w/o Switch)
FMS006-3000-1 YAMAICHI-FMS006-3000-1 Datasheet
135Kb / 2P
   SIM Card Reader
FMS006-3200-1 YAMAICHI-FMS006-3200-1 Datasheet
135Kb / 2P
   SIM Card Reader
More results

Similar Description - FMS030-102

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTE-2871 LITEON-LTE-2871 Datasheet
87Kb / 3P
   SPECIAL FOR HIGH INTENSITY
logo
List of Unclassifed Man...
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
   SPECIAL SENSOR FOR HYDROGEN GAS
logo
American Electronic Com...
DG81 AEC-DG81 Datasheet
275Kb / 3P
   Special option for motor loads
logo
QX Micro Devices Co.,Lt...
QX5237 QXMD-QX5237 Datasheet
138Kb / 2P
   Special driver for LED flashlight
logo
Unisonic Technologies
ULC6002 UTC-ULC6002 Datasheet
123Kb / 3P
   SPECIAL DRIVE FOR LED FLASHLIGHT
logo
Figaro Engineering Inc.
TGS821 FIGARO-TGS821 Datasheet
100Kb / 2P
   Special Sensor for Hydrogen Gas
logo
Kwang Myoung I.S. CO.,L...
2CLG10 KISEMICONDUCTOR-2CLG10_25 Datasheet
60Kb / 1P
   High Voltage Diodes for Special Using
logo
Lite-On Technology Corp...
LTST-S220YKT LITEON-LTST-S220YKT Datasheet
299Kb / 6P
   Side looking special for LCD backlight
LTST-S320UBKT LITEON-LTST-S320UBKT Datasheet
309Kb / 6P
   Side looking special for LCD backlight
logo
List of Unclassifed Man...
SJ2025 ETC-SJ2025 Datasheet
207Kb / 5P
   Special amplifier circuit for multimedia speakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com