Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN90CP02 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SCAN90CP02
Description  1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCAN90CP02 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SCAN90CP02 Datasheet HTML 2Page - Texas Instruments SCAN90CP02 Datasheet HTML 3Page - Texas Instruments SCAN90CP02 Datasheet HTML 4Page - Texas Instruments SCAN90CP02 Datasheet HTML 5Page - Texas Instruments SCAN90CP02 Datasheet HTML 6Page - Texas Instruments SCAN90CP02 Datasheet HTML 7Page - Texas Instruments SCAN90CP02 Datasheet HTML 8Page - Texas Instruments SCAN90CP02 Datasheet HTML 9Page - Texas Instruments SCAN90CP02 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SCAN90CP02
SNLS168L – MAY 2004 – REVISED MARCH 2009
www.ti.com
Absolute Maximum Ratings
(1)
Supply Voltage (VDD)
−0.3V to +4.0V
CMOS Input Voltage
−0.3V to (VDD +0.3V)
LVDS Receiver Input Voltage
−0.3V to +3.6V
LVDS Driver Output Voltage
−0.3V to +3.6V
LVDS Output Short Circuit Current
40mA
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
Lead Temperature
(Soldering, 4sec.)
+260°C
Maximum Package Power Dissipation at 25°C
LLP-28
4.31 W
LQFP-32
1.47 W
Derating above 25°C
LLP-28
34.5 mW/°C
LQFP-32
11.8 mW/°C
Thermal Resistance,
θJA
LLP-28
29°C/W
LQFP-32
85°C/W
ESD Rating
HBM, 1.5 k
Ω, 100 pF
6.5 kV
EIAJ, 0
Ω, 200 pF
>250V
(1)
“Absolute Maximum Ratings” are the ratings beyond which the safety of the device cannot be guaranteed. They are not meant to imply
that the device should be operated at these limits.
Recommended Operating Conditions
Min
Typ
Max
Unit
Supply Voltage (VDD– GND)
3.0
3.3
3.6
V
Receiver Input Voltage
0
3.6
V
Operating Free Air
Temperature
−40
25
85
°C
Junction Temperature
150
°C
6
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Links: SCAN90CP02


Similar Part No. - SCAN90CP02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02 Datasheet
1Mb / 20P
[Old version datasheet]   SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
351Kb / 16P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02SP NSC-SCAN90CP02SP Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02SP/NOPB TI1-SCAN90CP02SP/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
More results

Similar Description - SCAN90CP02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02 NSC-SCAN90CP02_07 Datasheet
351Kb / 16P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02_15 Datasheet
1Mb / 20P
[Old version datasheet]   SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com