Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3224W-1-103E Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3224W-1-103E
Description  Design Kit Trimming Potentiometers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3224W-1-103E Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3224W-1-103E Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Design Kit: Trimming Potentiometers
Trimming potentiometers perform a variety of circuit adjustments in all
types of electronic equipment. The variety of physical configurations
available and the ability to withstand today's manufacturing environment
offers the designer flexibility in selecting the best trimmer for the
application. Around the world, trimmers are used in virtually every
electronic market.
Each kit contains samples of each of the part numbers.
Kit Number
H-814-2
H-840
H-841
H-851
Kit Photo
Part Numbers
3223W-1-501E
3223W-1-502E
3223W-1-103E
3223W-1-104E
3223W-1-105E
3224W-1-501E
3224G-1-502E
3224W-1-103E
3224G-1-104E
3224W-1-105E
3269W-1-501G
3269P-1-502G
3269W-1-103G
3269P-1-104G
3269W-1-105G
3313J-1-501E
3313J-1-502E
3313J-1-103E
3313J-1-104E
3313J-1-105E
3314J-1-501E
3314G-1-502E
3314J-1-103E
3314G-1-104E
3314J-1-105E
TC33X-2-501E
TC33X-2-502E
TC33X-2-103E
TC33X-2-104E
TC33X-2-105E
H-91 Adjustment
Tool
3006P-1-502
3214G-1-502
3223W-1-103
3224J-1-103
3224W-FW5-203
3266W-1-203
3269W-1-502
3296W-1-203
3299W-1-503
3313J-1-203
3314G-1-102
3329H-1-102
3339P-1-503
3361P-1-103
3361S-1-104
3362P-1-203
3386W-1-103
3386P-1-102T
3302W-3-103E
3303W-3-102E
TC33X-2-502E
3306F-1-202
3306K-1-104
3306P-1-101
3306W-1-502
3309P-1-204
3309W-2-101
3309W-1-502
3318F-1-103
3318K-1-103
3318P-1-203
3318G-1-102A
3318S-1-502A
3319P-2-103
3319P-3-203
3319W-1-503
3223W-1-201E
3223W-1-102E
3223W-1-502E
3223W-1-103E
3223W-1-503E
3223W-1-104E


Similar Part No. - 3224W-1-103E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3224W-1-103E BOURNS-3224W-1-103E Datasheet
132Kb / 2P
   3224 - 4 mm SMD Trimming Potentiometer
3224W-1-103E BOURNS-3224W-1-103E Datasheet
404Kb / 2P
   Featured Products Bulletin
3224W-1-103E BOURNS-3224W-1-103E Datasheet
562Kb / 4P
   3224 - 4 mm SMD Trimpot® Trimming Potentiometer
More results

Similar Description - 3224W-1-103E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VR24 ETC-VR24 Datasheet
415Kb / 1P
   CERMET TRIMMING POTENTIOMETERS
logo
SparkFun Electronics
KIT-12073 SPARKFUN-KIT-12073 Datasheet
98Kb / 2P
   LilyPad Design Kit
11/24/2015
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Vishay Siliconix
1285G VISHAY-1285G Datasheet
147Kb / 2P
   VISHAY 1280 AND 1285G SERIES Precision Trimming Potentiometers
logo
OPTEK Technologies
OCB100-KIT OPTEK-OCB100-KIT Datasheet
715Kb / 24P
   Auto-Calibration Design Kit
logo
List of Unclassifed Man...
STDP4020-RD1 ETC1-STDP4020-RD1 Datasheet
636Kb / 14P
   Reference Design Eval Kit
logo
Maxim Integrated Produc...
DS33R11DK MAXIM-DS33R11DK Datasheet
811Kb / 44P
   Ethernet Transport Design Kit
Rev: 030508
logo
Cypress Semiconductor
CY3620 CYPRESS-CY3620 Datasheet
33Kb / 3P
   Design Kit for CPLDs
logo
Maxim Integrated Produc...
DS33Z41DK MAXIM-DS33Z41DK Datasheet
2Mb / 44P
   Ethernet Transport Design Kit
REV: 110106
logo
TT Electronics.
OCB100-KIT TTELEC-OCB100-KIT Datasheet
715Kb / 24P
   Auto-Calibration Design Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com