Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA112 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA112
Description  7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA112 Datasheet(HTML) 1 Page - Texas Instruments

  SCANSTA112 Datasheet HTML 1Page - Texas Instruments SCANSTA112 Datasheet HTML 2Page - Texas Instruments SCANSTA112 Datasheet HTML 3Page - Texas Instruments SCANSTA112 Datasheet HTML 4Page - Texas Instruments SCANSTA112 Datasheet HTML 5Page - Texas Instruments SCANSTA112 Datasheet HTML 6Page - Texas Instruments SCANSTA112 Datasheet HTML 7Page - Texas Instruments SCANSTA112 Datasheet HTML 8Page - Texas Instruments SCANSTA112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SCANSTA112
www.ti.com
SNLS161I – DECEMBER 2002 – REVISED APRIL 2013
SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
Check for Samples: SCANSTA112
1
FEATURES
DESCRIPTION
The SCANSTA112 extends the IEEE Std. 1149.1 test
2
True IEEE 1149.1 Hierarchical and Multidrop
bus into a multidrop test bus environment. The
Addressable Capability
advantage of a multidrop approach over a single
The 8 Address Inputs Support up to 249
serial scan chain is improved test throughput and the
Unique Slot Addresses, an Interrogation
ability to remove a board from the system and retain
Address, Broadcast Address, and 4 Multi-Cast
test
access
to
the
remaining
modules.
Each
Group Addresses (Address 000000 is
SCANSTA112 supports up to 7 local IEEE1149.1
scan chains which can be accessed individually or
Reserved)
combined serially.
7 IEEE 1149.1-Compatible Configurable Local
Scan Ports
Addressing is accomplished by loading the instruction
register with a value matching that of the Slot inputs.
Bi-directional Backplane and LSP0 Ports are
Backplane and inter-board testing can easily be
Interchangeable Slave Ports
accomplished by parking the local TAP Controllers in
Capable of Ignoring TRST of the Backplane
one of the stable TAP Controller states via a Park
Port when it Becomes the Slave.
instruction. The 32-bit TCK counter enables built in
Stitcher Mode Bypasses Level 1 and 2
self test operations to be performed on one port while
other scan chains are simultaneously tested.
Protocols
Mode Register0 Allows Local TAPs to be
The STA112 has a unique feature in that the
Bypassed, Selected for Insertion into the Scan
backplane port and the LSP0 port are bidirectional.
They can be configured to alternatively act as the
Chain Individually, or Serially in Groups of
master or slave port so an alternate test master can
Two or Three
take control of the entire scan chain network from the
Transparent Mode can be Enabled with a
LSP0 port while the backplane port becomes a slave.
Single Instruction to Conveniently Buffer the
Backplane IEEE 1149.1 Pins to Those on a
Single Local Scan Port
General Purpose Local Port Pass Through Bits
are Useful for Delivering Write Pulses for Flash
Programming or Monitoring Device Status.
Known Power-Up State
TRST on all Local Scan Ports
32-bit TCK Counter
16-bit LFSR Signature Compactor
Local TAPs can Become TRI-STATE via the OE
Input to Allow an Alternate Test Master to Take
Control of the Local TAPs (LSP0-3 have a TRI-
STATE Notification Output)
3.0-3.6V VCC Supply Operation
Supports Live Insertion/Withdrawal
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SCANSTA112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANSTA112 NSC-SCANSTA112 Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112 NSC-SCANSTA112 Datasheet
690Kb / 15P
   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Texas Instruments
SCANSTA112 TI1-SCANSTA112 Datasheet
1Mb / 22P
[Old version datasheet]   SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
National Semiconductor ...
SCANSTA112SM NSC-SCANSTA112SM Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112SM NSC-SCANSTA112SM Datasheet
690Kb / 15P
   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
More results

Similar Description - SCANSTA112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANSTA112 NSC-SCANSTA112_05 Datasheet
690Kb / 15P
   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112 NSC-SCANSTA112 Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Texas Instruments
SCANSTA112 TI1-SCANSTA112_15 Datasheet
1Mb / 22P
[Old version datasheet]   SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
SCANSTA111 NSC-SCANSTA111_05 Datasheet
911Kb / 31P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Texas Instruments
SCANSTA111 TI1-SCANSTA111 Datasheet
1Mb / 38P
[Old version datasheet]   SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Keysight Technologies
N8817A KEYSIGHT-N8817A Datasheet
8Mb / 8P
   JTAG (IEEE 1149.1) Protocol
logo
Texas Instruments
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com