Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDT125A Datasheet(PDF) 8 Page - Texas Instruments

Part # SN65LVDT125A
Description  LVDS 4x4 CROSSPOINT SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT125A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LVDT125A_14 Datasheet HTML 4Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 5Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 6Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 7Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 8Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 9Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 10Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 11Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
DE
VOY or VOZ
VOZ or VOY
3 V
1.5 V
0 V
1.4 V
1.25 V
1.2 V
1.2 V
1.15 V
1 V
tPZH
tPHZ
tPZL
tPLZ
Y
Z
1 pF
VOY
VOZ
49.9
Ω ±1%
1.2 V
49.9
Ω ±1%
1 V or 1.4 V
1.2 V
DE
Clock Input
0 V
VA
VB
1/fo
PRBS Input
0 V
VA
VB
PRBS Output
0 V
VY
VZ
0 V
0 V
0 V
VY - VZ
VY - VZ
VY - VZ
Actual Output
Ideal Output
1/fo
Period Jitter
Cycle-to-Cycle Jitter
Peak-to-Peak Jitter
Actual Output
tjit(pp)
tc(n)
tc(n)
tc(n +1)
tjit(pp) = | tc(n) - 1/fo |
tjit(cc) = | tc(n) - tc(n + 1) |
SN65LVDT125A
SN65LVDS125A
SLLS595C
– OCTOBER 2003 – REVISED JUNE 2011
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse-repetition rate
(PRR) = 0.5 Mpps, pulse width = 500
± 10 ns . CL includes instrumentation and fixture capacitance within 0,06 mm of
the D.U.T.
Figure 5. Enable and Disable Time Circuit and Definitions
NOTE: All input pulses are supplied by an Agilent 81250 Stimulus System. The measurement is made on a TEK TDS6604
running TDSJIT3 application software.
Figure 6. Driver Jitter Measurement Waveforms
8
Copyright
© 2003–2011, Texas Instruments Incorporated


Similar Part No. - SN65LVDT125A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT125ADBT TI-SN65LVDT125ADBT Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125ADBTG4 TI-SN65LVDT125ADBTG4 Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125ADBTR TI-SN65LVDT125ADBTR Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125ADBTRG4 TI-SN65LVDT125ADBTRG4 Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVDT125A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_15 Datasheet
1Mb / 22P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154 Datasheet
584Kb / 12P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com